Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D106X9010A8T Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 593D106X9010A8T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D106X9010A8T Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 593D106X9010A8T Datasheet HTML 3Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 4Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 5Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 6Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 7Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 8Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 9Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 10Page - Vishay Siliconix 593D106X9010A8T Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 19-Aug-13
7
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 VDC AT + 85 °C, 33 VDC AT + 125 °C
0.47
A
595D474(1)050A(2)(3)
0.5
4
7.20
0.10
0.68
A
595D684(1)050A(2)(3)
0.5
4
6.10
0.11
0.68
B
595D684(1)050B(2)(3)
0.5
4
5.40
0.13
1.0
A
595D105(1)050A(2)(3)
0.5
4
6.00
0.11
1.0
B
595D105(1)050B(2)(3)
0.5
4
5.00
0.13
1.5
B
595D155(1)050B(2)(3)
0.8
6
4.10
0.14
1.5
C
595D155(1)050C(2)(3)
0.8
6
1.80
0.25
2.2
B
595D225(1)050B(2)(3)
1.1
6
3.20
0.16
2.2
C
595D225(1)050C(2)(3)
1.1
6
1.70
0.25
3.3
C
595D335(1)050C(2)(3)
1.7
6
1.60
0.26
4.7
C
595D475(1)050C(2)(3)
2.4
6
1.40
0.28
6.8
C
595D685(1)050C(2)(3)
3.4
6
1.30
0.29
6.8
D
595D685(1)050D(2)(3)
3.4
6
0.82
0.43
10
D
595D106(1)050D(2)(3)
5.0
6
0.80
0.43
10
R
595D106(1)050R(2)(3)
5.0
6
0.65
0.62
15
R
595D156(1)050R(2)(3)
7.5
6
0.40
0.79
22
R
595D226(1)050R(2)(3)
11.0
6
0.39
0.80
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below + 85 °C)
STANDARD CONDITIONS. FOR EXAMPLE: OUTPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.6
10
6.0
16
10
20
12
25
15
35
24
50
28
SEVERE CONDITIONS. FOR EXAMPLE: INPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.3
10
5.0
16
8.0
20
10
25
12
35
15
50
24
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”; for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 593D106X9010A8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9010A VISHAY-593D106X9010A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
More results

Similar Description - 593D106X9010A8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com