Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173D276(1)004W(2)(3) Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 173D276(1)004W(2)(3)
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D276(1)004W(2)(3) Datasheet(HTML) 2 Page - Vishay Siliconix

  173D276(1)004W(2)(3) Datasheet HTML 1Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 2Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 3Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 4Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 5Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 6Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 7Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 8Page - Vishay Siliconix 173D276(1)004W(2)(3) Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
173D
www.vishay.com
Vishay Sprague
Revision: 05-Apr-12
2
Document Number: 40019
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
2 V
4 V
6 V
10 V
15 V
20 V
25 V
35 V
50 V
0.10
UU
0.12
UU
0.15
UU
0.18
UU
0.22
UU
0.27
UU
0.33
UV
0.39
UV
0.47
UU
V
0.56
UV
V
0.68
UV
V
0.82
UV
V
1.0
U
U
U
V
V
1.2
UV
V
W
1.5
U
U
V
V
W
1.8
U
V
V
W
W
2.2
U
U
U/V
V
W
W
2.7
U
V
V
V
W
X
3.3
U
U
V
V
V
W
X
3.9
U
V
V
V
W
W
X
4.7
U
U
V
V
V
W
W
X
5.6
U
V
V
V
W
W
X
Y
6.8
U
U
V
V
V
W
W
X
Y
8.2
U
VVV
W
W
W
X
Y
10
U
VVV
W
W
W
X
Y
12
V
V
V
W
W
X
X
Y
Y
15
V
V
V
W
W
X
X
Y
Y
18
V
V
W
W
X
X
Y
Y
Y
22
V
V
W
W
X
X
Y
Y
Y
27
V
W
W
X
X
Y
Y
Y
33
V
W
W
X
X
Y
Y
Y
39
W
W
X
X
YY
YY
47
W
W
X
X
YY
YY
56
W
X
X
Y
Y
Y
68
W
X
X
Y
Y
Y
82
Y
Y
Y
Y
100
Y
Y
Y
Y
120
Y
Y
Y
150
Y
Y
Y
180
Y
Y
220
Y
Y
270
Y
330
Y


Similar Part No. - 173D276(1)004W(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D2761002V23 VISHAY-173D2761002V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2761004W23 VISHAY-173D2761004W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2761006W23 VISHAY-173D2761006W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2761010X23 VISHAY-173D2761010X23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D2761015X23 VISHAY-173D2761015X23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D276(1)004W(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com