Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D107X5010D8T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 593D107X5010D8T
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X5010D8T Datasheet(HTML) 1 Page - Vishay Siliconix

  593D107X5010D8T Datasheet HTML 1Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 2Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 3Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 4Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 5Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 6Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 7Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 8Page - Vishay Siliconix 593D107X5010D8T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
1
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT®, Molded Case, Low ESR
Effective September 2005, new capacitor ratings will not be
added to the 593D series. All new ratings are available in the
TR3 series. The TR3 series offers state-of-the-art low ESR
for switch mode power supplies and DC/DC converters.
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40088
Operating Temperature: - 55 °C to + 125 °C
(above + 85 °C voltage derating is required)
Capacitance Range: 0.47 μF to 680 μF
Capacitance Tolerance: ± 5 %, ± 10 %, ± 20 %
100 % Surge Current Tested (C, D and E Case Sizes)
Voltage Rating: 4 VDC to 50 VDC
FEATURES
•Low ESR
• Molded case available in five case codes
• Terminations: 100 % matte tin, standard,
tin/lead available
• High ripple current carrying capability
• Compatible with “High Volume” automatic pick and place
equipment
• Moisture sensitivity level 1
• Compliant terminations
• Meets
IEC
specification
QC300801/US0001
and
EIA535BAAC mechanical and performance requirements
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
• Industrial
• Telecom infrastructure
• General purpose
Notes
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
Effective July 15, 2008, part numbers with solderable termination codes 2T and 2W may have either matte or tin/lead terminations.
Codes 2TE3 and 2WE3 specify only matte tin terminations. Codes 8T and 8W specify only tin/lead terminations.
Low ESR solid tantalum chip capacitors allow delta ESR of 1.25 times the datasheet limits after mounting.
• Dry pack is available per request, contact regional marketing.
Available
Available
ORDERING INFORMATION
593D
107
X9
010
D
2WE3
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION AND PACKAGING
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the number
of zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
(special order)
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V)
See Ratings and
Case Codes table
2TE3: Matte tin, 7" (178 mm) reel
2WE3: Matte tin, 13" (330 mm) reel
8T: Tin/lead, 7" (178 mm) reel
8W: Tin/lead, 13" (330 mm) reel


Similar Part No. - 593D107X5010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X5010D8T VISHAY-593D107X5010D8T Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X5010D8T VISHAY-593D107X5010D8T Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X5010D8T VISHAY-593D107X5010D8T Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X5010D8T VISHAY-593D107X5010D8T Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
More results

Similar Description - 593D107X5010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com