Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515D107M010JA6AE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 515D107M010JA6AE3
Description  Aluminum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

515D107M010JA6AE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  515D107M010JA6AE3 Datasheet HTML 1Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 2Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 3Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 4Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 5Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 6Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 7Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 8Page - Vishay Siliconix 515D107M010JA6AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
515D
www.vishay.com
Vishay Sprague
Revision: 12-Jun-13
4
Document Number: 42052
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING EXAMPLE
Electrolytic capacitor 515D series:
515D 107 M 6R3 JA 6 A E3
PACKING AND LEAD STYLES
DESCRIPTION
CODE
EXPLANATION
515D
Product type
107
Capacitance value (100 μF)
M
Tolerance (M = ± 20 %)
6R3
Voltage rating at 85 °C (6R3 = 6.3 V)
JA
Can size (see Dimensions table)
6
Packaging (bulk)
A
Lead style (uncut)
E3
RoHS compliant indicator
6A
Bulk, uncut leads
6C
Bulk, cut leads
6F
Bulk; formed and cut leads
6S
Bulk, snap-in leads
8P
Ammopack (case codes HW, JW, AW, JA, AA, BB, CC, CD, CG, DG only)
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. RIPPLE
AT + 85 °C
120 Hz (mA)
MAX. DF
AT + 20 °C
120 Hz
6.3 WVDC AT + 85 °C, SURGE = 8 V
22.0
515D226M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
34.0
0.24
33.0
515D336M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
42.0
0.24
47.0
515D476M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
50.0
0.24
100.0
515D107M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
77.0
0.24
220.0
515D227M6R3AA6AE3
0.248 x 0.433 [6.3 x 11.0]
215.0
0.24
330.0
515D337M6R3AA6AE3
0.248 x 0.433 [6.3 x 11.0]
265.0
0.24
470.0
515D477M6R3BB6AE3
0.315 x 0.453 [8.0 x 11.5]
360.0
0.24
1000.0
515D108M6R3CC6AE3
0.394 x 0.492 [10.0 x 12.5]
570.0
0.24
2200.0
515D228M6R3DG6AE3
0.492 x 0.787 [12.5 x 20.0]
1050.0
0.24
3300.0
515D338M6R3DG6AE3
0.492 x 0.787 [12.5 x 20.0]
1250.0
0.24
4700.0
515D478M6R3EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1700.0
0.24
6800.0
515D688M6R3EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1900.0
0.24
10 000.0
515D109M6R3EN6AE3
0.630 x 1.240 [16.0 x 31.5]
2250.0
0.24
15 000.0
515D159M6R3FR6AE3
0.709 x 1.398 [18.0 x 35.5]
2680.0
0.24
18 000.0
515D189M6R3FV6AE3
0.709 x 1.575 [18.0 x 40.0]
2750.0
0.24
10 WVDC AT + 85 °C, SURGE = 13 V
22.0
515D226M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
38.0
0.20
33.0
515D336M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
47.0
0.20
47.0
515D476M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
59.0
0.20
100.0
515D107M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
145.0
0.20
220.0
515D227M010AA6AE3
0.248 x 0.433 [6.3 x 11.0]
230.0
0.20
330.0
515D337M010BB6AE3
0.315 x 0.453 [8.0 x 11.5]
330.0
0.20
470.0
515D477M010BB6AE3
0.315 x 0.453 [8.0 x 11.5]
390.0
0.20
1000.0
515D108M010CD6AE3
0.394 x 0.630 [10.0 x 16.0]
630.0
0.20
2200.0
515D228M010DG6AE3
0.492 x 0.787 [12.5 x 20.0]
1100.0
0.20
3300.0
515D338M010DK6AE3
0.492 x 0.984 [12.5 x 25.0]
1400.0
0.20
4700.0
515D478M010EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1800.0
0.20
6800.0
515D688M010EN6AE3
0.630 x 1.240 [16.0 x 31.5]
2150.0
0.20
10 000.0
515D109M010FR6AE3
0.709 x 1.398 [18.0 x 35.5]
2500.0
0.20
15 000.0
515D159M010FV6AE3
0.709 x 1.575 [18.0 x 40.0]
2720.0
0.20
16 WVDC AT + 85 °C, SURGE = 20 V
10.0
515D106M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
28.0
0.16
22.0
515D226M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
44.0
0.16
33.0
515D336M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
57.0
0.16
47.0
515D476M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
168.0
0.16


Similar Part No. - 515D107M010JA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D107M010JA6AE3 VISHAY-515D107M010JA6AE3 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 515D107M010JA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com