Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D476X0050F2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 135D476X0050F2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D476X0050F2 Datasheet(HTML) 5 Page - Vishay Siliconix

  135D476X0050F2 Datasheet HTML 1Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 2Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 3Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 4Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 5Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 6Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 7Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 8Page - Vishay Siliconix 135D476X0050F2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
5
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 VDC AT + 85 °C; 10 VDC AT + 125 °C; 9 VDC AT + 200 °C
82
C
135D826X0015C2
3.9
72
2.0
6.0
- 35
+ 12
+ 16
900
100
C
135D107X0015C2
3.9
72
2.0
9.0
- 44
+ 13
+ 16
900
270
F
135D277X0015F2
2.5
31
3.0
9.0
- 62
+ 16
+ 15
1450
390
F
135D397X0015F2
2.5
31
3.0
16.0
- 66
+ 16
+ 20
1450
680
T
135D687X0015T2
1.8
22
6.0
18.0
- 74
+ 20
+ 25
1800
820
T
135D827X0015T2
1.8
22
6.0
24.0
- 77
+ 20
+ 25
1800
1000
K
135D108X0015K2
1.2
17
8.0
32.0
- 77
+ 25
+ 30
2330
25 VDC AT + 85 °C; 15 VDC AT + 125 °C; 12 VDC AT + 200 °C
47
C
135D476X0025C2
5.2
100
2.0
6.0
- 23
+ 12
+ 15
800
56
C
135D566X0025C2
4.3
90
2.0
6.0
- 25
+ 12
+ 15
850
68
C
135D686X0025C2
4.3
90
2.0
9.0
- 40
+ 12
+ 15
850
180
F
135D187X0025F2
2.7
33
3.0
9.0
- 54
+ 13
+ 15
1400
270
F
135D277X0025F2
2.7
33
3.0
16.0
- 62
+ 13
+ 16
1400
390
T
135D397X0025T2
1.8
25
6.0
18.0
- 55
+ 18
+ 25
1500
470
T
135D477X0025T2
1.8
24
6.0
18.0
- 65
+ 18
+ 25
1750
560
T
135D567X0025T2
1.8
24
7.0
28.0
- 72
+ 20
+ 25
1750
680
K
135D687X0025K2
1.2
19
8.0
32.0
- 72
+ 25
+ 30
2100
820
K
135D827X0025K2
1.3
26
8.0
32.0
- 80
+ 25
+ 25
-
30 VDC AT + 85 °C; 20 VDC AT + 125 °C; 18 VDC AT + 200 °C
47
C
135D476X0030C2
5.2
100
2.0
6.0
- 23
+ 12
+ 15
800
56
C
135D566X0030C2
5.2
100
2.0
9.0
- 38
+ 12
+ 15
800
150
F
135D157X0030F2
2.5
36
3.0
9.0
- 42
+ 13
+ 15
1200
220
F
135D227X0030F2
2.5
36
3.0
16.0
- 60
+ 13
+ 16
1200
300
T
135D307X0030T2
2.2
44
3.0
12.0
- 60
+ 15
+ 15
-
390
T
135D397X0030T2
1.8
25
6.0
18.0
- 55
+ 18
+ 25
1500
470
T
135D477X0030T2
1.8
25
8.0
32.0
- 65
+ 20
+ 25
1500
560
K
135D567X0030K2
1.3
20
9.0
36.0
- 65
+ 25
+ 30
2000
35 VDC AT + 85 °C; 22 VDC AT + 125 °C; 21 VDC AT + 200 °C
39
C
135D396X0035C2
4.1
61
2.0
6.0
- 22
+ 12
+ 14
820
120
F
135D127X0035F2
2.5
31
3.0
10.0
- 40
+ 13
+ 15
1315
330
T
135D337X0035T2
1.8
20
6.0
18.0
- 50
+ 16
+ 25
1640
370
K
135D377X0035K2
1.3
15
9.0
36.0
- 60
+ 25
+ 30
2040
40 VDC AT + 85 °C; 25 VDC AT + 125 °C; 20 VDC AT + 200 °C
39
C
135D396X0040C2
4.1
61
2.0
6.0
- 22
+ 12
+ 14
820
220
K
135D227X0040K2
1.6
27
3.0
22.0
- 58
+ 23
+ 23
1900
370
K
135D377X0040K2
1.5
30
5.0
25.0
- 75
+ 25
+ 25
1900
470
K
135D477X0040K2
1.3
30
9.0
35.0
- 80
+ 25
+ 25
-
50 VDC AT + 85 °C; 30 VDC AT + 125 °C; 30 VDC AT + 200 °C
33
C
135D336X0050C2
5.0
135
2.0
9.0
- 29
+ 10
+ 12
700
100
F
135D107X0050F2
2.8
49
4.0
12.0
- 36
+ 13
+ 15
1200
120
F
135D127X0050F2
2.5
49
4.0
24.0
- 42
+ 12
+ 15
1200
270
T
135D277X0050T2
2.0
30
8.0
32.0
- 46
+ 20
+ 25
1450
330
K
135D337X0050K2
1.5
30
9.0
36.0
- 46
+ 25
+ 30
1900
EXTENDED RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
MAX. ESR
AT + 25 °C
120 Hz
(
)
MAX. IMP.
AT - 55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C + 85 °C + 125 °C
Note
(1) Part numbers are for units with ± 20 % capacitance tolerance, standard + 125 °C maximum temperature, standard polyesterfilm insulation,
and tin-lead terminations. For other capacitance tolerances, other maximum temperatures, insulation and termination options, please
consult Ordering Information on first page for proper part number.


Similar Part No. - 135D476X0050F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D476X0050F2 VISHAY-135D476X0050F2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D476X0050F2 VISHAY-135D476X0050F2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D476X0050F2 VISHAY-135D476X0050F2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D476X0050F2 VISHAY-135D476X0050F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D476X0050F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com