Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515D476M035AA6AE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 515D476M035AA6AE3
Description  Aluminum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

515D476M035AA6AE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  515D476M035AA6AE3 Datasheet HTML 1Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 2Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 3Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 4Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 5Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 6Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 7Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 8Page - Vishay Siliconix 515D476M035AA6AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
515D
www.vishay.com
Vishay Sprague
Revision: 12-Jun-13
2
Document Number: 42052
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTROLYTIC CAPACITOR WITH CUT OR FORMED LEADS in inches [millimeters]
Notes
• Coding of cut or formed lead to be added to the end of type number in 15th position (with position 14 coded “6”).
(1) Formed lead.
(2) Lead thickness Ø d depends on capacitor specification.
(3) Lead protrusion at bottom of tape.
CC
0.394 x 0.492 [10.0 x 12.5]
0.197 [5.0]
0.024 [0.60]
1.48
CD
0.394 x 0.630 [10.0 x 16.0]
0.197 [5.0]
0.024 [0.60]
1.75
CG
0.394 x 0.787 [10.0 x 20.0]
0.197 [5.0]
0.024 [0.60]
2.37
DG
0.492 x 0.787 [12.5 x 20.0]
0.197 [5.0]
0.024 [0.60]
3.73
DK
0.492 x 0.984 [12.5 x 25.0]
0.197 [5.0]
0.024 [0.60]
4.85
EK
0.630 x 0.984 [16.0 x 25.0]
0.295 [7.5]
0.031 [0.80]
7.08
EN
0.630 x 1.240 [16.0 x 31.5]
0.295 [7.5]
0.031 [0.80]
8.94
ER
0.630 x 1.398 [16.0 x 35.5]
0.295 [7.5]
0.031 [0.80]
10.50
FR
0.709 x 1.398 [18.0 x 35.5]
0.295 [7.5]
0.031 [0.80]
12.53
FV
0.709 x 1.575 [18.0 x 40.0]
0.295 [7.5]
0.031 [0.80]
15.71
DIMENSIONS in inches [millimeters]
FORMING
METHOD
FORMED LEAD
CODE
DIMENSIONS
DL.S.
P
e (3)
X (Max.)
Formed and cut
F
0.157 [4.0]
0.197 [5.0]
0.059 [1.5]
-
0.059 [1.5]
0.197 [5.0]
0.197 [5.0]
0.079 [2.0]
-
0.059 [1.5]
0.248 [6.3]
0.197 [5.0]
0.098 [2.5]
-
0.098 [2.5]
0.315 [8.0]
0.197 [5.0]
0.138 [3.5]
-
0.098 [2.5]
Cut
C
0.394 [10.0]
0.197 [5.0]
-
-
-
0.492 [12.5]
0.197 [5.0]
-
-
-
0.630 [16.0]
0.295 [7.5]
-
-
-
0.709 [18.0]
0.295 [7.5]
-
-
-
Snap-in
S
0.157 [4.0]
0.197 [5.0]
0.059 [1.5]
0.043 [1.1]
0.059 [1.5]
0.197 [5.0]
0.197 [5.0]
0.079 [2.0]
0.043 [1.1]
0.059 [1.5]
0.248 [6.3]
0.197 [5.0]
0.098 [2.5]
0.043 [1.1]
0.059 [1.5]
0.315 [8.0]
0.197 [5.0]
0.138 [3.5]
0.051 [1.3]
0.059 [1.5]
0.394 [10.0]
0.197 [5.0]
-
0.051 [1.3]
-
0.492 [12.5]
0.197 [5.0]
-
0.051 [1.3]
-
0.630 [16.0]
0.295 [7.5]
-
0.051 [1.3]
-
0.709 [18.0]
0.295 [7.5]
-
0.051 [1.3]
-
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL CASE SIZE
D x L
LEAD SPACING
S
NOMINAL LEAD DIAMETER
D
TYPICAL WEIGHT
(g)
0.033 ± 0.006
[0.85 ± 0.15]
0.039 ± 0.008
[1.0 ± 0.2]
D
X
0.197 ± 0.20
[5.0 ± 0.5]
D
0.197 ± 0.20
[5.0 ± 0.5]
0.177
[4.5]
0.177
[4.5]
F
(1)
(4, 5, 6.3, 8)
(10, 12.5, 16, 18)
Code S
0.177
[4.5]
Code C
Ø d
(2)
D
S ± 0.20 [0.5]
F
(1)
F
(1)
Code F
0.177
[4.5]
0.197 ± 0.20
[5.0 ± 0.5]
Ø d
(2)
Ø d
(2)
Ø d
(2)
D
X
Code S
Code S
Code S


Similar Part No. - 515D476M035AA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D476M035AA6AE3 VISHAY-515D476M035AA6AE3 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 515D476M035AA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com