Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD644SH Datasheet(PDF) 2 Page - Analog Devices

Part # AD644SH
Description  Dual High Speed, Implanted BiFET Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD644SH Datasheet(HTML) 2 Page - Analog Devices

  AD644SH Datasheet HTML 1Page - Analog Devices AD644SH Datasheet HTML 2Page - Analog Devices AD644SH Datasheet HTML 3Page - Analog Devices AD644SH Datasheet HTML 4Page - Analog Devices AD644SH Datasheet HTML 5Page - Analog Devices AD644SH Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD644–SPECIFICATIONS (@ +25 C and V
S =
15 V dc)
Model
AD644J
AD644K
AD644L
AD644S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OPEN LOOP GAIN
VO = ± 10 V, RL ≥ 2 kΩ
30,000
50,000
50,000
50,000
V/V
TMIN to TMAX, RL = 2 kΩ
20,000
40,000
40,000
20,000
V/V
OUTPUT CHARACTERISTICS
Voltage @ RL = 2 kΩ, TMIN to TMAX
10
±12
10
±12
10
±12
10
±12
V
Voltage @ RL = 10 kΩ, TMIN to TMAX
12
±13
12
±13
12
±13
12
±13
V
Short Circuit Current
25
25
25
25
mA
FREQUENCY RESPONSE
Unity Gain Small Signal
2.0
2.0
2.0
2.0
MHz
Full Power Response
200
200
200
200
kHz
Slew Rate, Unity Gain
8.0
13.0
8.0
13.0
8.0
13.0
8.0
13.0
V/
µs
Total Harmonic Distortion
0.0015
0.0015
0.0015
0.0015
%
INPUT OFFSET VOLTAGE1
Initial Offset
2.0
1.0
0.5
1.0
mV
Input Offset Voltage TMIN to TMAX
3.5
2.0
1.0
3.5
mV
Input Offset Voltage vs. Supply,
TMIN to TMAX
200
100
100
100
µV/V
INPUT BIAS CURRENT
2
Either Input
10
75
10
35
10
35
10
35
pA
Offset Current
10
5
5
5
pA
MATCHING CHARACTERISTICS
3
Input Offset Voltage
1.0
0.5
0.25
0.5
mV
Input Offset Voltage TMIN to TMAX
3.5
2.0
1.0
3.5
mV
Input Bias Current
35
25
25
35
pA
Crosstalk
–124
–124
–124
–124
dB
INPUT IMPEDANCE
Differential
10
12 61012 61012 61012 6M
Ω pF
Common Mode
10
12 31012 31012 31012 3M
Ω pF
INPUT VOLTAGE RANGE
Differential
4
±20
±20
±20
±20
V
Common Mode
±10
±12
±10
±12
±10
±12
±10
±12
V
Common-Mode Rejection
76
80
80
80
dB
INPUT NOISE
Voltage 0.1 Hz to 10 Hz
2222
µV p-p
f = 10 Hz
35
35
35
35
nV/
√Hz
f = 100 Hz
22
22
22
22
nV/
√Hz
f = 1 kHz
18
18
18
18
nV/
√Hz
f = 10 kHz
16
16
16
16
nV/
√Hz
POWER SUPPLY
Rated Performance
±15
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
±5
±18
V
Quiescent Current
3.5
4.5
3.5
4.5
3.5
4.5
3.5
4.5
mA
TEMPERATURE RANGE
Operating, Rated Performance
0
+70
0
+70
0
+70
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
–65
+150
°C
PACKAGE OPTION
TO-99 Style (H-08B)
AD644JH
AD644KH
AD644LH
AD644SH
Chips
AD644JChips
AD644KChips
AD644SChips
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed at maximum at either input after 5 minutes of operation at T
A = +25°C. For higher temperatures, the current doubles every 10°C.
3Matching is defined as the difference between parameters of the two amplifiers.
4Defined as voltage between inputs, such that neither exceeds
±10 V from ground.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications
are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
REV. A
–2–


Similar Part No. - AD644SH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD644S AD-AD644S Datasheet
255Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
More results

Similar Description - AD644SH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD644JH AD-AD644JH Datasheet
236Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD644LH AD-AD644LH Datasheet
236Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD644 AD-AD644 Datasheet
255Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD644 AD-AD644_15 Datasheet
258Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com