Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402A1R8CFAAT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0402A1R8CFAAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402A1R8CFAAT Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0402A1R8CFAAT Datasheet HTML 1Page - Vishay Siliconix VJ0402A1R8CFAAT Datasheet HTML 2Page - Vishay Siliconix VJ0402A1R8CFAAT Datasheet HTML 3Page - Vishay Siliconix VJ0402A1R8CFAAT Datasheet HTML 4Page - Vishay Siliconix VJ0402A1R8CFAAT Datasheet HTML 5Page - Vishay Siliconix VJ0402A1R8CFAAT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VJ C0G (NP0) Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
Vishay Vitramon
Document Number: 45053
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 23-Sep-09
39
Note
• Polymer terminations, “B” termination part number code, length dimensions, positive tolerances (including band width) above are allowed to
increase by the following amounts:
0402/0603 size, consult mlcc@vishay.com
0805/1210/1812/2220/2225 max. add length 0.0040"/0.10 mm
1206/1808 max. add length 0.0055"/0.14 mm
DIMENSIONS in inches [millimeters]
EIA STYLE
PART
ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION (P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 + 0.004/- 0.002
[1.00 + 0.10/- 0.05]
0.020 + 0.004/- 0.002
[0.50 + 0.10/- 0.05]
0.024
[0.60]
0.004
[0.10]
0.016
[0.41]
0603
VJ0603
0.063 ± 0.005
[1.60 ± 0.12]
0.031 ± 0.005
[0.80 ± 0.12]
0.037
[0.94]
0.012
[0.30]
0.018
[0.46]
0805
VJ0805
0.079 ± 0.008
[2.00 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.057
[1.45]
0.010
[0.25]
0.028
[0.71]
1206
VJ1206
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
1210
VJ1210
0.126 ± 0.008
[3.20 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
-
VJ1808
0.177 ± 0.010
[4.50 ± 0.25]
0.080 ± 0.010
[2.03 ± 0.25]
0.067
[1.70]
0.010
[0.25]
0.030
[0.76]
1812
VJ1812
0.177 ± 0.010
[4.50 ± 0.25]
0.126 ± 0.008
[3.20 ± 0.20]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
1825
VJ1825
0.177 ± 0.010
[4.50 ± 0.25]
0.252 ± 0.010
[6.40 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
-
VJ2220
0.220 ± 0.008
[5.59 ± 0.20]
0.200 ± 0.010
[5.08 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
-
VJ2225
0.220 ± 0.010
[5.59 ± 0.25]
0.250 ± 0.010
[6.35 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
L
W
T
MAX.
P


Similar Part No. - VJ0402A1R8CFAAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402A1R8CFAAT VISHAY-VJ0402A1R8CFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
More results

Similar Description - VJ0402A1R8CFAAT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com