Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW020114K3FKED Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW020114K3FKED
Description  Lead (Pb)-free Commodity Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW020114K3FKED Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW020114K3FKED Datasheet HTML 1Page - Vishay Siliconix CRCW020114K3FKED Datasheet HTML 2Page - Vishay Siliconix CRCW020114K3FKED Datasheet HTML 3Page - Vishay Siliconix CRCW020114K3FKED Datasheet HTML 4Page - Vishay Siliconix CRCW020114K3FKED Datasheet HTML 5Page - Vishay Siliconix CRCW020114K3FKED Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CRCW0201 e3
www.vishay.com
Vishay
Revision: 06-Jun-12
1
Document Number: 20052
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lead (Pb)-free Commodity Thick Film Chip Resistors
FEATURES
• High volume product suitable for commercial
applications
• Pure tin solder contacts on Ni barrier layer
provides compatibility with lead (Pb)-free and
lead containing soldering processes
• Metal glaze on high quality ceramic
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CASE
SIZE
INCH
CASE
SIZE
METRIC
POWER RATING
P70
W
LIMITING
ELEMENT
VOLTAGE
Umax.
ACRMS/DC
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
SERIES
CRCW0201
0201
RR 0603M
0.05
30
± 200
± 0.5
10.0 to 10M
E96
- 200/+ 400
1.0 to 9.76
± 100
± 1
47.0 to 10M
E24; E96
± 200
10.0 to 10M
- 200/+ 400
1.0 to 9.76
± 200
± 5
10.0 to 10M
E24
- 200/+ 400
1.0 to 9.76
Zero-Ohm-Resistor: Rmax. = 50 m, Imax. at 70 °C = 1.0 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CRCW0201
Rated Dissipation at 70 °C (1)
W0.05
Operating Voltage Umax. ACRMS/DC
V
30
Insulation Voltage Uins (1 min)
V
50
Insulation Resistance
> 109
Operating Temperature Range
°C
- 55 to + 155
Weight/1000 Pieces
mg
0.17


Similar Part No. - CRCW020114K3FKED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0201100RJ200P0 VISHAY-CRCW0201100RJ200P0 Datasheet
30Kb / 2P
   Thick Film Rectangular, Chip Resistor
Revision 21-Jan-02
CRCW0201100RJ200RT7 VISHAY-CRCW0201100RJ200RT7 Datasheet
30Kb / 2P
   Thick Film Rectangular, Chip Resistor
Revision 21-Jan-02
CRCW020117K4FNED VISHAY-CRCW020117K4FNED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results

Similar Description - CRCW020114K3FKED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0201E3 VISHAY-CRCW0201E3 Datasheet
84Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 28-Oct-13
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com