Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG636YRUZ-REEL71 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG636YRUZ-REEL71
Description  1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG636YRUZ-REEL71 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG636YRUZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 9Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 10Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 11Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 12Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 13Page - Analog Devices ADG636YRUZ-REEL71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG636
Rev. B | Page 10 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A0
EN
VSS
S1A
S1B
D1
NC
A1
GND
VDD
S2A
S2B
D2
NC
ADG636
NC = NO CONNECT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin number
Mnemonic
Description
1
A0
Digital Input (LSB).
2
EN
Active High Digital Input.
3
VSS
Negative Power Supply. For single-supply operation, connect this pin to GND.
4
S1A
Source Terminal. Can be an input or output.
5
S1B
Source Terminal. Can be an input or output.
6
D1
Drain Terminal. Can be an input or output.
7
NC
Not Electrically Connected.
8
NC
Not Electrically Connected.
9
D2
Drain Terminal. Can be an input or output.
10
S2B
Source Terminal. Can be an input or output.
11
S2A
Source Terminal. Can be an input or output.
12
VDD
Positive Power Supply.
13
GND
Ground (0 V) Power Supply.
14
A1
Digital Input (MSB).
Table 6. Truth Table
A1
A0
EN
On Switch
X1
X1
0
None
0
0
1
S1A, S2A
0
1
1
S1B, S2A
1
0
1
S1A, S2B
1
1
1
S1B, S2B
1 X = logic state doesn’t matter; it can be either 0 or 1.


Similar Part No. - ADG636YRUZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG636YRU AD-ADG636YRU Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
More results

Similar Description - ADG636YRUZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG604 AD-ADG604 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Rev. A, 25-Jul-16
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
logo
Vishay Siliconix
DG636 VISHAY-DG636_10 Datasheet
192Kb / 13P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Rev. D, 02-Aug-10
DG636 VISHAY-DG636_V01 Datasheet
240Kb / 15P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
01-Jan-2022
DG636 VISHAY-DG636 Datasheet
190Kb / 10P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Rev. B, 04-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com