Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG733BRU-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADG733BRU-REEL
Description  CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG733BRU-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG733BRU-REEL Datasheet HTML 2Page - Analog Devices ADG733BRU-REEL Datasheet HTML 3Page - Analog Devices ADG733BRU-REEL Datasheet HTML 4Page - Analog Devices ADG733BRU-REEL Datasheet HTML 5Page - Analog Devices ADG733BRU-REEL Datasheet HTML 6Page - Analog Devices ADG733BRU-REEL Datasheet HTML 7Page - Analog Devices ADG733BRU-REEL Datasheet HTML 8Page - Analog Devices ADG733BRU-REEL Datasheet HTML 9Page - Analog Devices ADG733BRU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
ADG733/ADG734
–6–
Table I. ADG733 Truth Table
A2
A1
A0
EN
ON Switch
XX
X1
None
00
00D1-S1A, D2-S2A, D3-S3A
00
10D1-S1B, D2-S2A, D3-S3A
01
00D1-S1A, D2-S2B, D3-S3A
01
10D1-S1B, D2-S2B, D3-S3A
10
00D1-S1A, D2-S2A, D3-S3B
10
10D1-S1B, D2-S2A, D3-S3B
11
00D1-S1A, D2-S2B, D3-S3B
11
10D1-S1B, D2-S2B, D3-S3B
X = Don’t Care.
Table II. ADG734 Truth Table
Logic
Switch A
Switch B
0
OFF
ON
1ON
OFF
TERMINOLOGY
VDD
Most Positive Power Supply Potential
VSS
Most Negative Power Supply in a Dual Supply Application. In single supply applications, this should be tied to
ground close to the device.
IDD
Positive Supply Current
ISS
Negative Supply Current
GND
Ground (0 V) Reference
S
Source Terminal. May be an input or output.
DDrain Terminal. May be an input or output.
AX
Logic Control Input
EN
Active low device enable
VD (VS)Analog Voltage on Terminals D and S
RON
Ohmic Resistance between D and S
∆R
ON
On Resistance Match between any Two Channels (i.e., RONmax and RONmin)
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over
the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch “OFF”
ID, IS (ON)
Channel Leakage Current with the Switch “ON”
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL(IINH)
Input Current of the Digital Input
CS (OFF)
“OFF” Switch Source Capacitance. Measured with reference to ground.
CD, CS(ON)
“ON” Switch Capacitance. Measured with reference to ground.
CIN
Digital Input Capacitance
tON
Delay Time Measured between the 50% and 90% Points of the Digital Inputs and the Switch “ON” Condition
tOFF
Delay Time Measured between the 50% and 90% Points of the Digital Input and the Switch “OFF” Condition
tON(EN)Delay Time between the 50% and 90% Points of the EN Digital Input and the Switch “ON” Condition
tOFF(EN)Delay Time between the 50% and 90% Points of the EN Digital Input and the Switch “OFF” Condition
tOPEN
“OFF” Time Measured between the 80% Points of Both Switches when Switching from One Address State to
Another
Charge
A Measure of the Glitch Impulse Transferred Injection from the Digital Input to the Analog Output during Switching
Off Isolation
A Measure of Unwanted Signal Coupling through an “OFF” Switch.
Crosstalk
A Measure of Unwanted Signal that Is Coupled through from One Channel to Another as a Result of Para-
sitic Capacitance
On Response
The Frequency Response of the “ON” Switch
Insertion Loss
The Loss Due to the On Resistance of the switch


Similar Part No. - ADG733BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG733BRU AD-ADG733BRU Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG733BRU AD-ADG733BRU Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com