Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG734 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG734
Description  CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG734 Datasheet(HTML) 1 Page - Analog Devices

  ADG734 Datasheet HTML 1Page - Analog Devices ADG734 Datasheet HTML 2Page - Analog Devices ADG734 Datasheet HTML 3Page - Analog Devices ADG734 Datasheet HTML 4Page - Analog Devices ADG734 Datasheet HTML 5Page - Analog Devices ADG734 Datasheet HTML 6Page - Analog Devices ADG734 Datasheet HTML 7Page - Analog Devices ADG734 Datasheet HTML 8Page - Analog Devices ADG734 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG733/ADG734
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
CMOS, 2.5
Low Voltage,
Triple/Quad SPDT Switches
FEATURES
1.8 V to 5.5 V Single Supply
2.5 V Dual Supply
2.5
On Resistance
0.5
On Resistance Flatness
100 pA Leakage Currents
19 ns Switching Times
Triple SPDT: ADG733
Quad SPDT: ADG734
Small TSSOP and QSOP Packages
Low Power Consumption
TTL/CMOS Compatible Inputs
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery Powered Systems
GENERAL DESCRIPTION
The ADG733 and ADG734 are low voltage, CMOS devices
comprising three independently selectable SPDT (single pole,
double throw) switches and four independently selectable SPDT
switches respectively.
Low power consumption and operating supply range of 1.8 V to
5.5 V and dual
±2.5 V make the ADG733 and ADG734 ideal for
battery powered, portable instruments. All channels exhibit
break-before-make switching action preventing momentary
shorting when switching channels. An
EN input on the ADG733 is
used to enable or disable the device. When disabled, all channels
are switched OFF.
These 2–1 multiplexers/SPDT switches are designed on an
enhanced submicron process that provides low power dissipation
yet gives high switching speed, very low on resistance, high signal
bandwidths, and low leakage currents. On resistance is in the
region of a few ohms, is closely matched between switches, and is
very flat over the full signal range. These parts can operate equally
well in either direction and have an input signal range that extends
to the supplies.
The ADG733 is available in small TSSOP and QSOP packages,
while the ADG734 is available in a small TSSOP package.
PRODUCT HIGHLIGHTS
1. Single/Dual Supply Operation. The ADG733 and ADG734 are
fully specified and guaranteed with 3 V and 5 V single supply
rails and
±2.5 V dual supply rails.
2. Low On Resistance (2.5
Ω typical)
3. Low Power Consumption (<0.01
µW)
4. Guaranteed Break-Before-Make Switching Action
FUNCTIONAL BLOCK DIAGRAMS
S1B
D1
S1A
A0
S2A
D2
S2B
S3B
D3
S3A
A1
ADG733
SWITCHES SHOWN FOR A “1” INPUT LOGIC
S1A
D1
S1B
IN1
IN2
S2B
D2
S2A
S3A
D3
S3B
IN3
IN4
S4B
D2
S4A
ADG734
EN
A2
LOGIC


Similar Part No. - ADG734

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG734 AD-ADG734 Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG734BRU AD-ADG734BRU Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG734BRU AD-ADG734BRU Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com