Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7397ARU Datasheet(PDF) 2 Page - Analog Devices

Part # AD7397ARU
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7397ARU Datasheet(HTML) 2 Page - Analog Devices

  AD7397ARU Datasheet HTML 1Page - Analog Devices AD7397ARU Datasheet HTML 2Page - Analog Devices AD7397ARU Datasheet HTML 3Page - Analog Devices AD7397ARU Datasheet HTML 4Page - Analog Devices AD7397ARU Datasheet HTML 5Page - Analog Devices AD7397ARU Datasheet HTML 6Page - Analog Devices AD7397ARU Datasheet HTML 7Page - Analog Devices AD7397ARU Datasheet HTML 8Page - Analog Devices AD7397ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
AD7396/AD7397–SPECIFICATIONS
Parameter
Symbol
Conditions
+3 V
10% +5 V
10% Units
STATIC PERFORMANCE
Resolution
1
N
12
12
Bits
Relative Accuracy
2
INL
TA = +25
°C
±1.75
±1.75
LSB max
Relative Accuracy
2
INL
TA = –40°C, +85°C
±2.0
±2.0
LSB max
Differential Nonlinearity
2
DNL
TA = +25
°C, Monotonic
±0.9
±0.9
LSB max
Differential Nonlinearity
2
DNL
Monotonic
±1
±1
LSB max
Zero-Scale Error
VZSE
Data = 000H, TA = +25°C, +85°C
4.0
4.0
mV max
Zero-Scale Error
VZSE
Data = 000H, TA = –40
°C
8.0
8.0
mV max
Full-Scale Voltage Error
VFSE
TA = +25
°C, +85°C, Data = FFF
H
±8
±8mV max
Full-Scale Voltage Error
VFSE
TA = –40°C, Data = FFFH
±20
±20
mV max
Full-Scale Tempco
3
TCVFS
–45
–45
ppm/
°C typ
REFERENCE INPUT
VREF Range
VREF
0/VDD
0/VDD
V min/max
Input Resistance
RREF
2.5
2.5
M
Ω typ4
Input Capacitance
3
CREF
55pF typ
ANALOG OUTPUT
Output Current (Source)
IOUT
Data = 800H, ∆VOUT = 5 LSB
1
1
mA typ
Output Current (Sink)
IOUT
Data = 800H,
∆V
OUT = 5 LSB
3
3
mA typ
Capacitive Load
3
CL
No Oscillation
100
100
pF typ
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.5
0.8
V max
Logic Input High Voltage
VIH
VDD – 0.6
4.0
V min
Input Leakage Current
IIL
10
10
µA max
Input Capacitance
3
CIL
10
10
pF max
INTERFACE TIMING
3, 5
Chip Select Write Width
tCS
45
35
ns min
DAC Select Setup
tAS
30
15
ns min
DAC Select Hold
tAH
0
0
ns min
Data Setup
tDS
30
15
ns min
Data Hold
tDH
20
10
ns min
Load Setup
tLS
20
20
ns min
Load Hold
tLH
10
10
ns min
Load Pulsewidth
tLDW
30
30
ns min
Reset Pulsewidth
tRSW
40
30
ns min
AC CHARACTERISTICS
Output Slew Rate
SR
Data = 000H to FFFH to 000H
0.05
0.05
V/
µs typ
Settling Time6
tS
To
±0.1% of Full Scale
70
60
µs typ
Shutdown Recovery Time
tSDR
90
80
µs typ
DAC Glitch
Q
Code 7FFH to 800H to 7FFH
65
65
nV/s typ
Digital Feedthrough
Q
15
15
nV/s typ
Feedthrough
VOUT/VREF
VREF = 1.5 VDC +1 V p-p,
Data = 000H, f = 100 kHz
–63
–63
dB typ
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
DNL <
±1 LSB
2.7/5.5
2.7/5.5
V min/max
Positive Supply Current
IDD
VIL = 0 V, No Load
125/200
125/200
µA typ/max
Shutdown Supply Current
IDD_SD
SHDN = 0, V
IL = 0 V, No Load
0.1/1.5
0.1/1.5
µA typ/max
Power Dissipation
PDISS
VIL = 0 V, No Load
600
1000
µW max
Power Supply Sensitivity
PSS
∆V
DD =
±5%
0.006
0.006
%/% max
NOTES
1One LSB = V
REF/4096 V for the 12-bit AD7396.
2The first two codes (000
H, 001H) are excluded from the linearity error measurement.
3These parameters are guaranteed by design and not subject to production testing.
4Typicals represent average readings measured at +25
°C.
5All input control signals are specified with t
R = tF = 2 ns (10% to 90% of +3 V) and timed from a voltage level of +1.6 V.
6The settling time specification does not apply for negative going transitions within the last 3 LSBs of ground.
Specifications subject to change without notice.
AD7396 12-BIT
ELECTRICAL CHARACTERISTICS (@ V
REF IN = +2.5 V, –40 C < TA < +85 C, unless otherwise noted)


Similar Part No. - AD7397ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7397ARU AD-AD7397ARU Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
More results

Similar Description - AD7397ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com