Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7946 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7946
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7946 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7946 Datasheet HTML 5Page - Analog Devices AD7946 Datasheet HTML 6Page - Analog Devices AD7946 Datasheet HTML 7Page - Analog Devices AD7946 Datasheet HTML 8Page - Analog Devices AD7946 Datasheet HTML 9Page - Analog Devices AD7946 Datasheet HTML 10Page - Analog Devices AD7946 Datasheet HTML 11Page - Analog Devices AD7946 Datasheet HTML 12Page - Analog Devices AD7946 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7946
Rev. A | Page 9 of 24
REFERENCE VOLTAGE (V)
90.0
87.5
85.0
82.5
80.0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
13.0
13.5
14.0
14.5
15.0
SNR
SINAD
ENOB
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
TEMPERATURE (°C)
80.0
82.5
85.0
87.5
90.0
–55
–35
–15
5
25
45
65
85
105
125
REF = 5V
Figure 13. SNR vs. Temperature
FREQUENCY (kHz)
70
75
80
85
90
95
100
0
50
100
150
200
REF = 5V, –10dB
REF = 5V, –1dB
Figure 14. SINAD vs. Frequency
SFDR
THD
REFERENCE VOLTAGE (V)
–120
–115
–110
–105
–100
–95
–90
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Figure 15. THD, SFDR vs. Reference Voltage
TEMPERATURE (°C)
–130
–120
–110
–100
–90
–55
–35
–15
5
25
45
65
85
105
125
REF = 5V
Figure 16. THD vs. Temperature
FREQUENCY (kHz)
–120
–110
–100
–90
–80
–70
–60
0
50
100
150
200
REF = 5V, –1dB
REF = 5V, –10dB
Figure 17. THD vs. Frequency


Similar Part No. - AD7946

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7946 AD-AD7946 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7946 AD-AD7946 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7946 AD-AD7946 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7946 AD-AD7946 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7946 AD-AD7946 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

Similar Description - AD7946

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7942 AD-AD7942 Datasheet
555Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com