Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8002AR-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8002AR-REEL
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002AR-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8002AR-REEL Datasheet HTML 1Page - Analog Devices AD8002AR-REEL Datasheet HTML 2Page - Analog Devices AD8002AR-REEL Datasheet HTML 3Page - Analog Devices AD8002AR-REEL Datasheet HTML 4Page - Analog Devices AD8002AR-REEL Datasheet HTML 5Page - Analog Devices AD8002AR-REEL Datasheet HTML 6Page - Analog Devices AD8002AR-REEL Datasheet HTML 7Page - Analog Devices AD8002AR-REEL Datasheet HTML 8Page - Analog Devices AD8002AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
REV. D
AD8002
–4–
PULSE
GENERATOR
953
+5V
RL = 100
–5V
50
VIN
0.1 F
10 F
AD8002
0.1 F
10 F
TR/TF = 250ps
75
TPC 1. Test Circuit , Gain = +1
G = +1
100mV STEP
SIDE 1
20mV
SIDE 2
5ns
TPC 2. 100 mV Step Response, G = +1
G = +1
1V STEP
SIDE 1
200mV
SIDE 2
5ns
TPC 3. 1 V Step Response, G = +1
–Typical Performance Characteristics
PULSE
GENERATOR
750
+5V
RL = 100
–5V
50
VIN
0.1 F
10 F
AD8002
0.1 F
10 F
TR/TF = 250ps
75
750
TPC 4. Test Circuit, Gain = +2
G = +2
100mV STEP
SIDE 1
20mV
SIDE 2
5ns
TPC 5. 100 mV Step Response, G = +2
G = +2
1V STEP
SIDE 1
20mV
SIDE 2
5ns
TPC 6. 1 V Step Response, G = +2


Similar Part No. - AD8002AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8002AR-REEL AD-AD8002AR-REEL Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002AR-REEL AD-AD8002AR-REEL Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AR-REEL AD-AD8002AR-REEL Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AR-REEL7 AD-AD8002AR-REEL7 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002AR-REEL7 AD-AD8002AR-REEL7 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Similar Description - AD8002AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com