Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1161LI25G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT1161LI25G
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1161LI25G Datasheet(HTML) 5 Page - ON Semiconductor

  CAT1161LI25G Datasheet HTML 1Page - ON Semiconductor CAT1161LI25G Datasheet HTML 2Page - ON Semiconductor CAT1161LI25G Datasheet HTML 3Page - ON Semiconductor CAT1161LI25G Datasheet HTML 4Page - ON Semiconductor CAT1161LI25G Datasheet HTML 5Page - ON Semiconductor CAT1161LI25G Datasheet HTML 6Page - ON Semiconductor CAT1161LI25G Datasheet HTML 7Page - ON Semiconductor CAT1161LI25G Datasheet HTML 8Page - ON Semiconductor CAT1161LI25G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT1161, CAT1162
http://onsemi.com
5
PIN DESCRIPTION
WP: WRITE PROTECT
If the pin is tied to VCC the entire memory array becomes
Write Protected (READ only). When the pin is tied to GND
or left floating normal read/write operations are allowed to
the device.
RESET/RESET: RESET I/O
These are open drain pins and can be used as reset trigger
inputs. By forcing a reset condition on the pins the device
will initiate and maintain a reset condition. The RESET pin
must be connected through a pulldown resistor, and the
RESET pin must be connected through a pull−up resistor.
SDA: SERIAL DATA ADDRESS
The bidirectional serial data/address pin is used to transfer
all data into and out of the device. The SDA pin is an open
drain output and can be wire−ORed with other open drain or
open collector outputs.
If there is no transition on the SDA for more than
1.6 seconds, the watchdog timer times out.
SCL: Serial Clock
Serial clock input.
DEVICE OPERATION
Reset Controller Description
The CAT1161/2 precision RESET controller ensures
correct system operation during brownout and power
up/down conditions. It is configured with open drain
RESET outputs. During power−up, the RESET outputs
remain active until VCC reaches the VTH threshold and will
continue driving the outputs for approximately 200 ms
(tPURST) after reaching VTH. After the tPURST timeout
interval, the device will cease to drive the reset outputs. At
this point the reset outputs will be pulled up or down by their
respective pull up/down resistors. During power−down, the
RESET outputs will be active when VCC falls below VTH.
The RESET outputs will be valid so long as VCC is > 1.0 V
(VRVALID).
The RESET pins are I/Os; therefore, the CAT1161/2 can
act as a signal conditioning circuit for an externally applied
manual reset. The inputs are edge triggered; that is, the
RESET input in the CAT1161/2 will initiate a reset timeout
after detecting a low to high transition and the RESET input
will initiate a reset timeout after detecting a high to low
transition.
Watchdog Timer
The Watchdog Timer provides an independent protection
for microcontrollers. During a system failure, the CAT1161
will respond with a reset signal after a time−out interval of
1.6 seconds for a lack of activity. The CAT1161 is designed
with the Watchdog Timer feature on the SDA input. If the
microcontroller does not toggle the SDA input pin within 1.6
seconds, the Watchdog Timer times out. This will generate
a reset condition on reset outputs. The Watchdog Timer is
cleared by any transition on SDA.
As long as reset signal is asserted, the Watchdog Timer
will not count and will stay cleared.
The CAT1162 does not have a Watchdog.
Figure 1. RESET Output Timing
GLITCH
t
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESET
RESET
RPD
t


Similar Part No. - CAT1161LI25G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161LI25G ONSEMI-CAT1161LI25G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results

Similar Description - CAT1161LI25G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
N84C163 ONSEMI-N84C163 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com