Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC11DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC11DR2
Description  Triple 3?묲nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC11DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC11DR2 Datasheet HTML 1Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 2Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 3Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 4Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 5Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 6Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 7Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 8Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74AC11, MC74ACT11
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
9.5
1.0
10.5
ns
3−5
tPHL
Propagation Delay
5.0
1.5
9.5
1.0
10.5
ns
3−5
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
20
pF
VCC = 5.0 V


Similar Part No. - MC74AC11DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC11DR2 ONSEMI-MC74AC11DR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC74AC11DR2G ONSEMI-MC74AC11DR2G Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC74AC11DR2G ONSEMI-MC74AC11DR2G Datasheet
72Kb / 6P
   Triple 3-Input AND Gate
January, 2015 ??Rev. 8
More results

Similar Description - MC74AC11DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC11DTR2 ONSEMI-MC74AC11DTR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC10H106 ONSEMI-MC10H106_06 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
NL27WZ08 ONSEMI-NL27WZ08_06 Datasheet
62Kb / 5P
   Dual 2?묲nput AND Gate
April, 2006 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com