Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14008BCPG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14008BCPG
Description  4-Bit Full Adder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14008BCPG Datasheet(HTML) 5 Page - ON Semiconductor

  MC14008BCPG Datasheet HTML 1Page - ON Semiconductor MC14008BCPG Datasheet HTML 2Page - ON Semiconductor MC14008BCPG Datasheet HTML 3Page - ON Semiconductor MC14008BCPG Datasheet HTML 4Page - ON Semiconductor MC14008BCPG Datasheet HTML 5Page - ON Semiconductor MC14008BCPG Datasheet HTML 6Page - ON Semiconductor MC14008BCPG Datasheet HTML 7Page - ON Semiconductor MC14008BCPG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14008B
http://onsemi.com
5
Figure 3. Dynamic Power Dissipation Test Circuit and Waveform
20 ns
20 ns
Vin
90%
10%
VDD
VSS
PULSE
GENERATOR
VDD
16
B4
A4
B3
A3
B2
A2
B1
A1
Cin
S4
S3
S2
S1
Cout
IDD
8VSS
CL
CL
CL
CL
CL
500
mF
Figure 4. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
16
B4
A4
B3
A3
B2
A2
B1
A1
Cin
S4
S3
S2
S1
Cout
IDD
8VSS
CL
CL
CL
CL
CL
20 ns
20 ns
Cin
S1 - S4
Cout
VDD
VSS
VOH
VOL
VOH
VOL
tPLH
tPHL
tTHL
tTLH
tPLH
tPHL
90%
50%
10%
90%
50%
10%
50%


Similar Part No. - MC14008BCPG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14008BCP MOTOROLA-MC14008BCP Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
ON Semiconductor
MC14008BCP ONSEMI-MC14008BCP Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
More results

Similar Description - MC14008BCPG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
   4-bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com