Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1236BD65R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1236BD65R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1236BD65R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1236BD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1236BD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
NCP1236
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Pin (pin 6) (Note 2)
Voltage range
Current range
VCCMAX
ICCMAX
–0.3 to 28
$30
V
mA
High Voltage Pin (pin 8) (Note 2)
Voltage range
Current range
VHVMAX
IHVMAX
–0.3 to 500
$20
V
mA
Driver Pin (pin 5) (Note 2)
Voltage range
Current range
VDRVMAX
IDRVMAX
–0.3 to 20
$1000
V
mA
All other pins (Note 2)
Voltage range
Current range
VMAX
IMAX
–0.3 to 10
$10
V
mA
Thermal Resistance SOIC−7
Junction−to−Air, low conductivity PCB (Note 3)
Junction−to−Air, medium conductivity PCB (Note 4)
Junction−to−Air, high conductivity PCB (Note 5)
RJ−A
162
147
115
C/W
Temperature Range
Operating Junction Temperature
Storage Temperature Range
TJMAX
TSTRGMAX
−40 to +150
−60 to +150
C
ESD Capability (Note 1)
Human Body Model (All pins except HV)
Machine Model
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per JEDEC standard JESD22, Method A114E
Machine Model Method 200 V per JEDEC standard JESD22, Method A115A
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78
3. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 50 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51−1 conductivity test PCB. Test conditions were under natural convection or zero air flow.
4. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 100 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51−2 conductivity test PCB. Test conditions were under natural convection or zero air flow.
5. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 650 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51−3 conductivity test PCB. Test conditions were under natural convection or zero air flow.


Similar Part No. - NCP1236BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236BD65R2G ONSEMI-NCP1236BD65R2G Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
More results

Similar Description - NCP1236BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com