Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4623HSN120T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4623HSN120T1G
Description  150 mA, Wide Input Voltage Range, Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4623HSN120T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4623HSN120T1G Datasheet HTML 5Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 6Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 7Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 8Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 9Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 10Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 11Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 12Page - ON Semiconductor NCP4623HSN120T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP4623
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 27. Output Voltage Noise, 3.3 V Version,
VIN = 5.3 V, IOUT = 30 mA
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Figure 28. Output Voltage Noise, 5.0 V Version,
VIN = 7.0 V, IOUT = 30 mA
0
2.0
4.0
6.0
8.0
10
12
14
16
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Figure 29. Output Voltage Noise, 12.0 V Version,
VIN = 14.0 V, IOUT = 30 mA
0
5.0
10
15
20
25
30
35
40
45
0.01
0.1
1
10
100
1000
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
FREQUENCY (kHz)
Figure 30. Line Transients, 2.5 V Version,
tR = tF = 5 ms, IOUT = 30 mA
1.9
2.1
2.3
2.5
2.7
2.9
3.1
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
4.5
5.0
5.5
6.0
t (ms)
Figure 31. Line Transients, 3.3 V Version,
tR = tF = 5 ms, IOUT = 30 mA
2.7
2.9
3.1
3.3
3.5
3.7
3.9
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
5.3
5.8
6.3
6.8
t (ms)


Similar Part No. - NCP4623HSN120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4623HSN120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Nisshinbo Micro Devices...
R1514X-Y NISSHINBO-R1514X-Y Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com