Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4623HMX033TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4623HMX033TCG
Description  150 mA, Wide Input Voltage Range, Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4623HMX033TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4623HMX033TCG Datasheet HTML 1Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 2Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 3Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 4Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 5Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 6Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 7Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 8Page - ON Semiconductor NCP4623HMX033TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP4623
http://onsemi.com
2
Peak Current
Protection
Vref
VIN
GND
CE
VOUT
Short
Protection
NCP4623Hxxxxx
Thermal
Protection
Peak Current
Protection
Vref
VIN
GND
CE
VOUT
Short
Protection
Thermal
Protection
ADJ
NCP4623HxxADJ
Figure 2. Simplified Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
XDFN
(Note 1)
Pin No.
SOT89−5
Pin No.
SOT23
Pin Name
Description
3
1
1
VOUT
Output pin
6
2
2
GND
Ground
4
3
5
CE
Chip enable pin (Active “H”)
1
5
3
VIN
Input pin
5
4
4
NC/ADJ
No connection (non ADJ versions) / Reference Voltage of Adjustable
Output Pin (ADJ versions)
2
NC
No connection
1. Tab is connected to GND. Tab should be connected to GND, but leaving it unconnected is also acceptable


Similar Part No. - NCP4623HMX033TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4623HMX033TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Nisshinbo Micro Devices...
R1514X-Y NISSHINBO-R1514X-Y Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com