Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4620HSQ25T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4620HSQ25T1G
Description  150 mA, 10 V, Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4620HSQ25T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4620HSQ25T1G Datasheet HTML 6Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 7Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 8Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 9Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 10Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 11Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 12Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 13Page - ON Semiconductor NCP4620HSQ25T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP4620
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 30. Load Transients, 5.0 V Version,
IOUT = 1 – 30 mA, tR = tF = 0.5 ms, VIN = 6.0 V
4.92
4.94
4.96
4.98
5.00
5.02
5.04
0
20
40
60
80
100 120 140 160 180 200
0
15
30
45
t (ms)
Figure 31. Load Transients, 1.5 V Version,
IOUT = 1 – 150 mA, tR = tF = 0.5 ms, VIN = 2.6 V
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
50
100 150 200 250 300 350 400 450 500
0
50
100
150
200
t (ms)
Figure 32. Load Transients, 3.3 V Version,
IOUT = 1 – 150 mA, tR = tF = 0.5 ms, VIN = 3.8 V
3.0
3.1
3.2
3.3
3.4
3.5
0
50
100 150 200 250 300 350 400 450 500
0
50
100
150
200
t (ms)


Similar Part No. - NCP4620HSQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620HSQ25T1G ONSEMI-NCP4620HSQ25T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4620HSQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620DSN45T1G ONSEMI-NCP4620DSN45T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com