Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4681DSQ15T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4681DSQ15T1G
Description  150 mA, Ultra Low Quiescent Current, Low
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4681DSQ15T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4681DSQ15T1G Datasheet HTML 1Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 2Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 3Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 4Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 5Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 6Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 7Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 8Page - ON Semiconductor NCP4681DSQ15T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP4681, NCP4684
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Output Current
1.5 V Version (TJ = 255C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
50
100
150
200
250
300
350
400
IOUT (mA)
VIN = 1.8 V
3.5 V
5.25 V
2.5 V
1.9 V
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
Figure 4. Output Voltage vs. Output Current
2.5 V Version (TJ = 255C)
IOUT (mA)
5.25 V
2.8 V
2.9 V
VIN = 4.5 V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
400
Figure 5. Output Voltage vs. Output Current
3.3 V Version (TJ = 255C)
IOUT (mA)
3.5 V
3.6 V
5.25 V
VIN = 4.5 V
0
0.1
0.20
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
TJ = 85°C
25°C
−40°C
IOUT (mA)
Figure 6. Dropout Voltage vs. Output Current
1.5 V Version
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
25
50
75
100
125
150
IOUT (mA)
Figure 7. Dropout Voltage vs. Output Current
2.5 V Version
TJ = 85°C
25°C
−40°C
0
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
IOUT (mA)
Figure 8. Dropout Voltage vs. Output Current
3.3 V Version
TJ = 85°C
25°C
−40°C


Similar Part No. - NCP4681DSQ15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681DSQ15T1G ONSEMI-NCP4681DSQ15T1G Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
More results

Similar Description - NCP4681DSQ15T1G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
   150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com