Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7115DN-T1-GE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI7115DN-T1-GE3
Description  P-Channel 150 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7115DN-T1-GE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI7115DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7115DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Si7115DN
Document Number: 73864
S11-1908-Rev. C, 26-Sep-11
www.vishay.com
5
Vishay Siliconix
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases
where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
Current Derating*
0
2
4
6
8
10
0
255075
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Case
0
13
26
39
52
65
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)


Similar Part No. - SI7115DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7115DN VISHAY-SI7115DN Datasheet
222Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 01-Jan-07
SI7115DN VISHAY-SI7115DN_15 Datasheet
537Kb / 14P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 26-Sep-11
SI7115DN VISHAY-SI7115DN_V01 Datasheet
547Kb / 13P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7115DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com