Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG438F Datasheet(PDF) 6 Page - Analog Devices

Part # ADG438F
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG438F Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG438F Datasheet HTML 2Page - Analog Devices ADG438F Datasheet HTML 3Page - Analog Devices ADG438F Datasheet HTML 4Page - Analog Devices ADG438F Datasheet HTML 5Page - Analog Devices ADG438F Datasheet HTML 6Page - Analog Devices ADG438F Datasheet HTML 7Page - Analog Devices ADG438F Datasheet HTML 8Page - Analog Devices ADG438F Datasheet HTML 9Page - Analog Devices ADG438F Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A0 1
EN 2
VSS 3
S1 4
A1
16
A2
15
GND
14
VDD
13
S2 5
S3 6
S4 7
S5
12
S6
11
S7
10
D 8
S8
9
ADG438F
TOP VIEW
(Not to Scale)
Figure 3. ADG438F Pin Configuration
Table 3. ADG438F Pin Function Description
Pin
No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When low, the
device is disabled, and all switches are off.
When high, Ax logic inputs determine on
switches.
3
VSS
Most Negative Power Supply Potential. In
single-supply applications, this pin can be
connected to ground.
4
S1
Source Terminal 1. This pin can be an input
or an output.
5
S2
Source Terminal 2. This pin can be an input
or an output.
6
S3
Source Terminal 3. This pin can be an input
or an output.
7
S4
Source Terminal 4. This pin can be an input
or an output.
8
D
Drain Terminal. This pin can be an input or
an output.
9
S8
Source Terminal 8. This pin can be an input
or an output.
10
S7
Source Terminal 7. This pin can be an input
or an output.
11
S6
Source Terminal 6. This pin can be an input
or an output.
12
S5
Source Terminal 5. This pin can be an input
or an output.
13
VDD
Most Positive Power Supply Potential.
14
GND
Ground (0 V) Reference.
15
A2
Logic Control Input.
16
A1
Logic Control Input.
A0 1
EN 2
VSS 3
S1A 4
A1
16
GND
15
VDD
14
S1B
13
S2A 5
S3A 6
S4A 7
S2B
12
S3B
11
S4B
10
DA 8
DB
9
ADG439F
TOP VIEW
(Not to Scale)
Figure 4. ADG439F Pin Configuration
Table 4. ADG439F Pin Function Description
Pin
No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When low, the
device is disabled, and all switches are off.
When high, Ax logic inputs determine on
switches.
3
VSS
Most Negative Power Supply Potential. In
single-supply applications, this pin can be
connected to ground.
4
S1A
Source Terminal 1A. This pin can be an
input or an output.
5
S2A
Source Terminal 2A. This pin can be an
input or an output.
6
S3A
Source Terminal 3A. This pin can be an
input or an output.
7
S4A
Source Terminal 4A. This pin can be an
input or an output.
8
DA
Drain Terminal A. This pin can be an input
or an output.
9
DB
Drain Terminal B. This pin can be an input
or an output.
10
S4B
Source Terminal 4B. This pin can be an
input or an output.
11
S3B
Source Terminal 3B. This pin can be an
input or an output.
12
S2B
Source Terminal 2B. This pin can be an
input or an output.
13
S1B
Source Terminal 1B. This pin can be an
input or an output.
14
VDD
Most Positive Power Supply Potential.
15
GND
Ground (0 V) Reference.
16
A1
Logic Control Input.
Table 5. ADG438F Truth Table1
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
1 X = don’t care.
Table 6. ADG439F Truth Table1
A1
A0
EN
On Switch Pair
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
1 X = don’t care.


Similar Part No. - ADG438F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG438F AD-ADG438F Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438FBN AD-ADG438FBN Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG438FBR AD-ADG438FBR Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
More results

Similar Description - ADG438F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com