Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7842 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7842
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7842 Datasheet(HTML) 1 Page - Analog Devices

  ADV7842 Datasheet HTML 1Page - Analog Devices ADV7842 Datasheet HTML 2Page - Analog Devices ADV7842 Datasheet HTML 3Page - Analog Devices ADV7842 Datasheet HTML 4Page - Analog Devices ADV7842 Datasheet HTML 5Page - Analog Devices ADV7842 Datasheet HTML 6Page - Analog Devices ADV7842 Datasheet HTML 7Page - Analog Devices ADV7842 Datasheet HTML 8Page - Analog Devices ADV7842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz
Video and Graphics Digitizer and 3D Comb Filter Decoder
ADV7842
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010-2011 Analog Devices, Inc. All rights reserved.
FEATURES
Dual HDMI® 1.4a fast switching receiver
HDMI support
3D TV support
Content type bits
CEC 1.4-compatible
Extended colorimetry
256-ball, 17 mm × 17 mm BGA package
HDMI 225 MHz receiver
Xpressview fast switching of HDMI ports
3D video format support including frame packing 1080p
24 Hz, 720p 50 Hz, 720p 60 Hz
Full colorimetry support including sYCC601, Adobe RGB,
Adobe YCC 601
36-/30-bit Deep Color and 24-bit color support
HDCP 1.4 support with internal HDCP keys
Adaptive HDMI equalizer
Integrated CEC controller
HDMI repeater support
5 V detect and hot plug assert for each HDMI port
HDMI audio support including HBR and DSD
Advanced audio mute feature
Flexible digital audio output interfaces
Supports up to 5 S/PDIF outputs
Supports up to 4 I2S outputs
Video and graphics digitizer
Four 170 MHz, 12-bit ADCs
12-channel analog input mux
525i-/625i-component analog input
525p-/625p-component progressive scan support
720p-/1080i-/1080p-component HDTV support
Low refresh rates (24 Hz/25 Hz/30 Hz) support for
720p/1080p
Digitizes RGB graphics up to 1600 × 1200 at 60 Hz (UXGA)
SCART fast blank support
3D video decoder
NTSC/PAL/SECAM color standards support
NTSC/PAL 2D/3D motion detecting comb filter
Advanced time-base correction (TBC) with frame
synchronization
Interlaced-to-progressive conversion for 525i and 625i
IF compensation filters
Vertical peaking and horizontal peaking filters
Robust synchronization extraction for poor video source
Advanced VBI data slicer
General
Highly flexible 36-bit pixel output interface
Internal EDID RAM for HDMI and graphics
Dual STDI (standard identification) function support
Any-to-any, 3 × 3 color space conversion (CSC) matrix
2 programmable interrupt request output pins
Simultaneous analog processing and HDMI monitoring
APPLICATIONS
Advanced TVs
PDP HDTVs, LCD TVs (HDTV ready)
LCD/DLP® rear projection HDTVs
CRT HDTVs, LCoS™ HDTVs
AVR video receivers
LCD/DLP front projectors
HDTV STBs with PVR
Projectors
FUNCTIONAL BLOCK DIAGRAM
ADC
ADC
ADC
ADC
CVBS
SCART G
SCART
CVBS
SCART RGB
+ CVBS
GRAPHICS
RGB
CVBS
YC
HDMI 1
HDMI 2
HD YPbPr
SD/PS
YPbPr
SCART B
SCART R
Y/G
Pb/B
Pr/R
I2S
S/PDIF
DSD
HBR
MCLK
SCLK
CVBS
HS/VS
FIELD/DE
CLK
HS/VS
FIELD/DE
CLK
36-BIT
YCbCr/RGB
AUDIO
OUTPUT
MCLK
SCLK
TO AUDIO
PROCESSOR
DATA
HS/VS
FIELD/DE
CLK
DATA
48
36
4
5
SDRAM
TMDS
DDC
TMDS
DDC
DEEP
COLOR
HDMI Rx
FAST
SWITCH
HDCP
KEYS
ADV7842
SDP
CVBS
3D YC
S-VIDEO
SCART
CP
YPbPr
525p/625p
720p/1080i
1080p/
UXGA
RGB
Figure 1.


Similar Part No. - ADV7842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7842 AD-ADV7842 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
More results

Similar Description - ADV7842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com