Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM811 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM811
Description  Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM811 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM811 Datasheet HTML 4Page - Analog Devices ADM811 Datasheet HTML 5Page - Analog Devices ADM811 Datasheet HTML 6Page - Analog Devices ADM811 Datasheet HTML 7Page - Analog Devices ADM811 Datasheet HTML 8Page - Analog Devices ADM811 Datasheet HTML 9Page - Analog Devices ADM811 Datasheet HTML 10Page - Analog Devices ADM811 Datasheet HTML 11Page - Analog Devices ADM811 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM811/ADM812
Data Sheet
Rev. G | Page 8 of 12
INTERFACING TO OTHER DEVICES
OUTPUT
The ADM811/ADM812 are designed to integrate with as many
devices as possible. One feature of the ADM811/ADM812 is the
reset output, which is directly proportional to VCC (this is guar-
anteed only while VCC is greater than 1 V). This enables the part
to be used with both 3 V and 5 V, or any nominal voltage within
the minimum and maximum specifications for VCC.
BENEFITS OF A VERY ACCURATE RESET
THRESHOLD
Because the ADM811/ADM812 can operate effectively even
when there are large degradations of the supply voltages, the
possibility of a malfunction during a power failure is greatly
reduced. Another advantage of the ADM811/ADM812 is its
very accurate internal voltage reference circuit. Combined,
these benefits produce an exceptionally reliable microprocessor
supervisory circuit.
ADM811
GND
VCC
VCC
RESET
Figure 11. Ensuring a Valid RESET Output Down to VCC = 0 V
ENSURING A VALID RESET/RESET
OUTPUT DOWN TO VCC = 0 V
When VCC falls below 0.8 V, the RESET/RESET of the ADM811/
ADM812 no longer sinks current. Therefore, a high impedance
CMOS logic input connected to RESET/RESET can drift to
undetermined logic levels. To eliminate this problem, a 100 kΩ
resistor should be connected from RESET/RESET to ground.


Similar Part No. - ADM811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM811 AD-ADM811 Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM811 AD-ADM811 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811-3TART-REEL AD-ADM811-3TART-REEL Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM811-3TART-RL7 AD-ADM811-3TART-RL7 Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM811LART-REEL AD-ADM811LART-REEL Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results

Similar Description - ADM811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811 AD-ADM811 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811 AD-ADM811_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com