Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7105 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP7105
Description  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7105 Datasheet(HTML) 3 Page - Analog Devices

  ADP7105 Datasheet HTML 1Page - Analog Devices ADP7105 Datasheet HTML 2Page - Analog Devices ADP7105 Datasheet HTML 3Page - Analog Devices ADP7105 Datasheet HTML 4Page - Analog Devices ADP7105 Datasheet HTML 5Page - Analog Devices ADP7105 Datasheet HTML 6Page - Analog Devices ADP7105 Datasheet HTML 7Page - Analog Devices ADP7105 Datasheet HTML 8Page - Analog Devices ADP7105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADP7105
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VIN = (VOUT + 1 V) or 3.3 V (whichever is greater), EN = VIN, IOUT = 10 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
3.3
20
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 100 µA, VIN = 10 V
400
µA
IOUT = 100 µA, VIN = 10 V, TJ = −40°C to +125°C
900
µA
IOUT = 10 mA, VIN = 10 V
450
µA
IOUT = 10 mA, VIN = 10 V, TJ = −40°C to +125°C
1050
µA
IOUT = 300 mA, VIN = 10 V
750
µA
IOUT = 300 mA, VIN = 10 V, TJ = −40°C to +125°C
1400
µA
IOUT = 500 mA, VIN = 10 V
900
µA
IOUT = 500 mA, VIN = 10 V, TJ = −40°C to +125°C
1600
µA
SHUTDOWN CURRENT
IGND-SD
EN = GND, VIN = 12 V
40
50
µA
EN = GND, VIN = 12 V, TJ = −40°C to +125°C
75
µA
INPUT REVERSE CURRENT
IREV-INPUT
EN = GND, VIN = 0 V, VOUT = 20 V
0.3
µA
EN = GND, VIN = 0 V, VOUT = 20 V, TJ = −40°C to
+125°C
5
µA
OUTPUT VOLTAGE ACCURACY
Fixed Output Voltage Accuracy
VOUT
IOUT = 10 mA
−0.8
+0.8
%
1 mA < IOUT < 500 mA, VIN = (VOUT + 1 V) to 20 V,
TJ = −40°C to +125°C
−2
+1
%
Adjustable Output Voltage
Accuracy
VADJ
IOUT = 10 mA
1.21
1.22
1.23
V
1 mA < IOUT < 500 mA, VIN = (VOUT + 1 V) to 20 V,
TJ = −40°C to +125°C
1.196
1.232
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 1 V) to 20 V, TJ = −40°C to +125°C
−0.015
+0.015
%/V
LOAD REGULATION1
∆VOUT/∆IOUT
1 mA < IOUT < 500 mA
0.2
%/A
1 mA < IOUT < 500 mA, TJ = −40°C to +125°C
0.75
%/A
ADJ INPUT BIAS CURRENT2
ADJI-BIAS
1 mA < IOUT < 500 mA, VIN = (VOUT + 1 V) to 20 V,
ADJ connected to VOUT
10
nA
SENSE INPUT BIAS CURRENT2
SENSEI-BIAS
1 mA < IOUT < 500 mA, VIN = (VOUT + 1 V) to 20 V,
SENSE connected to VOUT, VOUT = 1.5 V
1
μA
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 10 mA
20
mV
IOUT = 10 mA, TJ = −40°C to +125°C
40
mV
IOUT = 150 mA
100
mV
IOUT = 150 mA, TJ = −40°C to +125°C
175
mV
IOUT = 300 mA
200
mV
IOUT = 300 mA, TJ = −40°C to +125°C
325
mV
IOUT = 500 mA
350
mV
IOUT = 500 mA, TJ = −40°C to +125°C
550
mV
START-UP TIME4
tSTART-UP
CSS = 0 nF, IOUT = 10 mA
625
µs
CSS = 10 nF, IOUT = 10 mA
11.5
ms
CURRENT-LIMIT THRESHOLD5
ILIMIT
625
775
1000
mA
PG OUTPUT LOGIC LEVEL
PG Output Logic High
PGHIGH
IOH < 1 µA
1.0
V
PG Output Logic Low
PGLOW
IOL < 2 mA
0.4
V
PG OUTPUT THRESHOLD
Output Voltage Falling
PGFALL
−9.2
%
Output Voltage Rising
PGRISE
−6.5
%
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C


Similar Part No. - ADP7105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7105ACPZ-1.8-R7 AD-ADP7105ACPZ-1.8-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-3.3-R7 AD-ADP7105ACPZ-3.3-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-5.0-R7 AD-ADP7105ACPZ-5.0-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-R2 AD-ADP7105ACPZ-R2 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-R7 AD-ADP7105ACPZ-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
More results

Similar Description - ADP7105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7105ARDZ AD-ADP7105ARDZ Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
   500 mA Low-Noise LDO Regulator
09/14/21
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
logo
Texas Instruments
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74701-Q1 TI-TPS74701-Q1_15 Datasheet
869Kb / 25P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
Texas Instruments
TPS74701 TI-TPS74701_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com