Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM213EARZ-REEL1 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM213EARZ-REEL1
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM213EARZ-REEL1 Datasheet(HTML) 3 Page - Analog Devices

  ADM213EARZ-REEL1 Datasheet HTML 1Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 2Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 3Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 4Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 5Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 6Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 7Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 8Page - Analog Devices ADM213EARZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 3 of 20
SPECIFICATIONS
VCC = 5.0 V ± 10%, C1 to C4 = 0.1 μF. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC CHARACTERISTICS
Operating Voltage Range
4.5
5.0
5.5
V
VCC Power Supply Current
3.5
13
mA
No load
SHUTDOWN SUPPLY CURRENT
0.2
10
μA
LOGIC
Input Pull-Up Current
10
25
μA
TIN = GND
Input Logic Threshold Low, VINL
0.8
V
TIN, EN, EN, SHDN, SHDN
Input Logic Threshold High, VINH
2.0
V
TIN
Input Logic Threshold High, VINH
2.0
V
EN, EN, SHDN, SHDN
TTL/CMOS Output Voltage Low, VOL
0.4
V
IOUT = 1.6 mA
TTL/CMOS Output Voltage High, VOH
3.5
V
IOUT = −40 μA
TTL/CMOS Output Leakage Current
+0.05
±10
μA
EN = VCC, EN = GND, 0 V ≤ ROUT ≤ VCC
RS-232 RECEIVER
Input Voltage Range1
−30
+30
V
Input Threshold Low
0.8
1.3
V
Input Threshold High
2.0
2.4
V
Input Hysteresis
0.65
V
Input Resistance
3
5
7
TA = 0°C to 85°C
RS-232 TRANSMITTER
Output Voltage Swing
±5.0
±9.0
V
All transmitter outputs loaded with 3 kΩ to ground
Output Resistance
300
Ω
VCC = 0 V, VOUT = ±2 V
Output Short-Circuit Current
±6
±20
±60
mA
TIMING CHARACTERISTICS
Maximum Data Rate
230
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 2500 pF
Receiver Propagation Delay, TPHL, TPLH
0.4
2
μs
CL = 150 pF
Receiver Output Enable Time, tER
120
ns
Receiver Output Disable Time, tDR
120
ns
Transmitter Propagation Delay, TPHL, TPLH
1
μs
RL = 3 kΩ, CL = 2500 pF
Transition Region Slew Rate
8
V/μs
RL = 3 kΩ, CL = 50 pF to 2500 pF, measured from
+3 V to −3 V or −3 V to +3 V
EM IMMUNITY
ESD Protection (I/O Pins)
±15
kV
Human body model
±15
kV
IEC 1000-4-2 air-gap discharge
±8
kV
IEC 1000-4-2 contact discharge
Radiated Immunity
10
V/m
IEC 1000-4-3
1 Guaranteed by design.
Table 3. ADM211E Truth Table
SHDN
EN
Status
TOUT 1:4
ROUT 1:5
0
0
Normal operation
Enabled
Enabled
0
1
Normal operation
Enabled
Disabled
1
X1
Shutdown
Disabled
Disabled
1 X = don’t care.
Table 4. ADM213E Truth Table
SHDN
EN
Status
TOUT 1:4
ROUT 1:3
ROUT 4:5
0
0
Shutdown
Disabled
Disabled
Disabled
0
1
Shutdown
Disabled
Disabled
Enabled
1
0
Normal operation
Enabled
Disabled
Disabled
1
1
Normal operation
Enabled
Enabled
Enabled


Similar Part No. - ADM213EARZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213EARZ-REEL1 AD-ADM213EARZ-REEL1 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM213EARZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com