Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3339AKCZ-3.3-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3339AKCZ-3.3-R7
Description  High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339AKCZ-3.3-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3339AKCZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADP3339AKCZ-3.3-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADP3339
Rev. C | Page 7 of 12
LOAD CURRENT (mA)
250
200
0
0
0.2
1.0
0.4
0.6
0.8
150
100
50
1.2
1.4
VOUT = 3.3V
Figure 10. Dropout Voltage vs. Load Current
0
567
89
TIME (
μs)
VOUT = 3.3V
ILOAD = 1.5A
0
1
2
3
1
2
3
4
10
Figure 11. Power-Up/Power-Down
4
80
TIME (
μs)
VOUT = 3.3V
COUT = 1μF
ILOAD = 1.5A
120
140
180
5
3.30
3.29
3.31
40
220
Figure 12. Line Transient Response
4
80
TIME (
μs)
VOUT = 3.3V
COUT = 10μF
ILOAD = 1.5A
120
140
180
5
3.30
3.29
3.31
220
40
Figure 13. Line Transient Response
0
200
TIME (
μs)
400
600
800
0.5
3.3
3.1
3.5
VIN = 6V
COUT = 10μF

1.0
1.5
1000
0
Figure 14. Load Transient Response
0
200
TIME (
μs)
400
600
800
1.5
3.3
3.1
3.5
VIN = 6V
COUT = 1μF
1000
0
1.0
0.5
Figure 15. Load Transient Response


Similar Part No. - ADP3339AKCZ-3.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3339AKCZ-3.3-R7 AD-ADP3339AKCZ-3.3-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-3.3-R7 AD-ADP3339AKCZ-3.3-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-3.3-R7 AD-ADP3339AKCZ-3.3-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-3.3-R7 AD-ADP3339AKCZ-3.3-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3339AKCZ-3.3-R7 AD-ADP3339AKCZ-3.3-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results

Similar Description - ADP3339AKCZ-3.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKCZ-1.8-RL AD-ADP3339AKCZ-1.8-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-5-RL7 AD-ADP3339AKC-5-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com