Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM805MAN Datasheet(PDF) 3 Page - Analog Devices

Part # ADM805MAN
Description  Microprocessor Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM805MAN Datasheet(HTML) 3 Page - Analog Devices

  ADM805MAN Datasheet HTML 1Page - Analog Devices ADM805MAN Datasheet HTML 2Page - Analog Devices ADM805MAN Datasheet HTML 3Page - Analog Devices ADM805MAN Datasheet HTML 4Page - Analog Devices ADM805MAN Datasheet HTML 5Page - Analog Devices ADM805MAN Datasheet HTML 6Page - Analog Devices ADM805MAN Datasheet HTML 7Page - Analog Devices ADM805MAN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADM690A/ADM692A/ADM802L/M/ADM805L/M
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VBATT
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200 mA
VBATT
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . 400 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 120
°C/W
Power Dissipation, SO-8 SOIC . . . . . . . . . . . . . . . . . 500 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 110
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4 kV
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods of time may affect device reliability.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
ADM690AAN
–40
°C to +85°C
N-8
ADM690AARN
–40
°C to +85°C
SO-8
ADM690AARM
–40
°C to +85°C
RM-8
ADM692AAN
–40
°C to +85°C
N-8
ADM692AARN
–40
°C to +85°C
SO-8
ADM802LAN
–40
°C to +85°C
N-8
ADM802LARN
–40
°C to +85°C
SO-8
ADM802MAN
–40
°C to +85°C
N-8
ADM802MARN
–40
°C to +85°C
SO-8
ADM805LAN
–40
°C to +85°C
N-8
ADM805LARN
–40
°C to +85°C
SO-8
ADM805MAN
–40
°C to +85°C
N-8
ADM805MARN
–40
°C to +85°C
SO-8
PIN CONFIGURATIONS
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VCC
Power Supply Input: +5 V Nominal.
VBATT
Backup Battery Input. As VCC falls below the reset threshold and below VBATT by 20 mV, VBATT will be switched
to VOUT. On power-up as VCC rises to 20 mV above VBATT, VOUT will be switched back to VCC.
VOUT
Output Voltage. When VCC is above the reset threshold, VOUT is connected to VCC through an on chip switch.
When VCC is below the reset threshold, the higher of VCC or VBATT is connected to VOUT.
GND
0 V. Ground reference for all signals.
PFI
Power Fail Comparator Input. If PFI is less than 1.25 V, the power fail output PFO goes low. If unused, PFI
should be connected to VCC or GND.
PFO
Power Fail Comparator Output. If PFI is less than 1.25 V, the power fail output PFO goes low.
RESET
Logic Output. RESET goes low if
1. VCC falls below the Reset Threshold
2. The watchdog timer is not serviced within its timeout period (1.6 seconds)
The reset threshold is typically 4.65 V for the ADM690A/ADM802L/ADM805L and 4.4 V for the ADM692A/
ADM802M/ADM805M. RESET remains low for 200 ms after VCC returns above the threshold. RESET also
goes low for 200 ms if the watchdog timer is enabled but not serviced within its timeout period.
RESET
Active high RESET output (ADM805L/M only). This is the inverse of RESET. The asserted (high) level is VCC
or VBATT whichever is higher.
WDI
Watchdog Input. WDI is a three level input. If WDI remains either high or low for longer than 1.6 s, (RESET)
(RESET) is activated. The timer resets with each transition on the WDI line. The watchdog timer may be
disabled if WDI is left floating or is connected to a high impedance three stated logic output.
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM690A
ADM692A
ADM802L
ADM802M
ADM805L
ADM805M
PFO
WDI
RESET (RESET)
VBATT
VOUT
VCC
GND
PFI


Similar Part No. - ADM805MAN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM805MAN AD-ADM805MAN Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM805MAN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com