Electronic Components Datasheet Search |
|
ADSP-21479 Datasheet(PDF) 11 Page - Analog Devices |
|
ADSP-21479 Datasheet(HTML) 11 Page - Analog Devices |
11 / 76 page ADSP-21477/ADSP-21478/ADSP-21479 Rev. C | Page 11 of 76 | July 2013 Digital Peripheral Interface (DPI) The digital peripheral interface provides connections to two serial peripheral interface ports (SPI), one universal asynchro- nous receiver-transmitter (UART), 12 flags, a 2-wire interface (TWI), three PWM modules (PWM3–1), and two general- purpose timers. Serial Peripheral (Compatible) Interface (SPI) The SPI is an industry-standard synchronous serial link, enabling the SPI-compatible port to communicate with other SPI compatible devices. The SPI consists of two data pins, one device select pin, and one clock pin. It is a full-duplex synchro- nous serial interface, supporting both master and slave modes. The SPI port can operate in a multi-master environment by interfacing with up to four other SPI-compatible devices, either acting as a master or slave device. The SPI-compatible periph- eral implementation also features programmable baud rate and clock phase and polarities. The SPI-compatible port uses open drain drivers to support a multi-master configuration and to avoid data contention. UART Port The processors provide a full-duplex Universal Asynchronous Receiver/Transmitter (UART) port, which is fully compatible with PC-standard UARTs. The UART port provides a simpli- fied UART interface to other peripherals or hosts, supporting full-duplex, DMA-supported, asynchronous transfers of serial data. The UART also has multiprocessor communication capa- bility using 9-bit address detection. This allows it to be used in multidrop networks through the RS-485 data interface standard. The UART port also includes support for 5 to 8 data bits, 1 or 2 stop bits, and none, even, or odd parity. The UART port supports two modes of operation: • PIO (programmed I/O) – The processor sends or receives data by writing or reading I/O-mapped UART registers. The data is double-buffered on both transmit and receive. • DMA (direct memory access) – The DMA controller trans- fers both transmit and receive data. This reduces the number and frequency of interrupts required to transfer data to and from memory. The UART has two dedicated DMA channels, one for transmit and one for receive. These DMA channels have lower default priority than most DMA channels because of their relatively low service rates. The UART port's baud rate, serial data format, error code gen- eration and status, and interrupts are programmable: • Support for bit rates ranging from (fPCLK/1,048,576) to (fPCLK/16) bits per second. • Support for data formats from 7 to 12 bits per frame. • Both transmit and receive operations can be configured to generate maskable interrupts to the processor. In conjunction with the general-purpose timer functions, auto- baud detection is supported. Pulse-Width Modulation The PWM module is a flexible, programmable, PWM waveform generator that can be programmed to generate the required switching patterns for various applications related to motor and engine control or audio power control. The PWM generator can generate either center-aligned or edge-aligned PWM wave- forms. In addition, it can generate complementary signals on two outputs in paired mode or independent signals in non- paired mode (applicable to a single group of four PWM waveforms). The entire PWM module has four groups of four PWM outputs generating 16 PWM outputs in total. Each PWM group pro- duces two pairs of PWM signals on the four PWM outputs. The PWM generator is capable of operating in two distinct modes while generating center-aligned PWM waveforms: single update mode or double update mode. In single update mode the duty cycle values are programmable only once per PWM period. This results in PWM patterns that are symmetrical about the midpoint of the PWM period. In double update mode, a second updating of the PWM registers is implemented at the midpoint of the PWM period. In this mode, it is possible to produce asymmetrical PWM patterns that produce lower harmonic dis- tortion in three-phase PWM inverters. PWM signals can be mapped to the external port address lines or to the DPI pins. Timers The processors have a total of three timers: a core timer that can generate periodic software interrupts and two general-purpose timers that can generate periodic interrupts and be inde- pendently set to operate in one of three modes: •Pulse waveform generation mode •Pulse width count/capture mode • External event watch dog mode The core timer can be configured to use FLAG3 as a timer expired signal, and the general-purpose timers have one bidirec- tional pin and four registers that implement its mode of operation: a 6-bit configuration register, a 32-bit count register, a 32-bit period register, and a 32-bit pulse width register. A sin- gle control and status register enables or disables the general- purpose timer. 2-Wire Interface Port (TWI) The TWI is a bidirectional 2-wire serial bus used to move 8-bit data while maintaining compliance with the I2C bus protocol. The TWI master incorporates the following features: • 7-bit addressing • Simultaneous master and slave operation on multiple device systems with support for multi-master data arbitration • Digital filtering and timed event processing • 100 kbps and 400 kbps data rates • Low interrupt rate |
Similar Part No. - ADSP-21479 |
|
Similar Description - ADSP-21479 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |