Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7023BCPZ62I Datasheet(PDF) 6 Page - Analog Devices

Part # ADUC7023BCPZ62I
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUC7023BCPZ62I Datasheet HTML 2Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 3Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 4Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 5Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 6Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 7Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 8Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 9Page - Analog Devices ADUC7023BCPZ62I Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
ADuC7023
Data Sheet
| Page 6 of 96
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC IN OP AMP MODE
DAC Output Buffer in Op Amp Mode
Input Offset Voltage
±0.25
mV
Input Offset Voltage Drift
8
µV/°C
Input offset Current
0.3
nA
Input Bias Current
0.4
nA
Gain
80
dB
5 kΩ load
Unity-Gain Frequency
5
MHz
RL = 5 kΩ, CL = 100 pF
CMRR
80
dB
Settling Time
10
µs
RL = 5 kΩ, CL = 100 pF
Output Slew Rate
1.5
V/µs
RL = 5 kΩ, CL = 100 pF
PSRR
75
dB
DAC AC CHARACTERISTICS
Voltage Output Settling Time
10
µs
Digital-to-Analog Glitch Energy
±20
nV-sec
1 LSB change at major carry (where maximum number of
bits simultaneously change in the DACxDAT register)
COMPARATOR
Input Offset Voltage
±10
mV
Input Bias Current
1
µA
Input Voltage Range
AGND
AVDD – 1.2
V
Input Capacitance
7
pF
Hysteresis4, 6
2
15
mV
Hysteresis can be turned on or off via the CMPHYST bit
in the CMPCON register
Response Time
3
µs
100 mV overdrive and configured with CMPRES = 11
TEMPERATURE SENSOR
Indicates die temperature
Voltage Output at 25°C
1.369
V
Voltage TC
4.42
mV/°C
Accuracy with No Calibration
±3
°C
Accuracy with One Point Calibration
Using Contents of TEMPREF Register
±1.5
°C
θJA Thermal Impedance
40-Lead LFCSP
26
°C/W
32-Lead LFCSP
32.5
°C/W
POWER SUPPLY MONITOR (PSM)
IOVDD Trip Point Selection
2.79
V
One trip point
Power Supply Trip Point Accuracy
±2
%
Of the selected nominal trip point voltage
POWER-ON RESET
2.41
V
WATCHDOG TIMER (WDT)
Timeout Period
0
512
sec
FLASH/EE MEMORY
Endurance11
10,000
Cycles
Data Retention12
20
Years
TJ = 85°C
DIGITAL INPUTS
All digital inputs excluding XCLKI and XCLKO
Logic 1 Input Current
±0.2
±1
µA
VIH = VDD or VIH = 5 V
Logic 0 Input Current
−40
−60
µA
VIL = 0 V; except TDI
−80
−120
µA
VIL = 0 V; TDI
Input Capacitance
10
pF
LOGIC INPUTS4
All logic inputs excluding XCLKI
VINL, Input Low Voltage
0.8
V
VINH, Input High Voltage
2.0
V
LOGIC OUTPUTS
All digital outputs excluding XCLKO
VOH, Output High Voltage
2.4
V
ISOURCE = 1.6 mA
VOL, Output Low Voltage13
0.4
V
ISINK = 1.6 mA
CRYSTAL INPUTS XCLKI AND XCLKO
Logic Inputs, XCLKI Only
VINL, Input Low Voltage
1.1
V
VINH, Input High Voltage
1.7
V
XCLKI Input Capacitance
20
pF
XCLKO Output Capacitance
20
pF
Rev. E


Similar Part No. - ADUC7023BCPZ62I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7023BCPZ62I AD-ADUC7023BCPZ62I Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7023BCPZ62I-R7 AD-ADUC7023BCPZ62I-R7 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7023BCPZ62I-RL AD-ADUC7023BCPZ62I-RL Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
More results

Similar Description - ADUC7023BCPZ62I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7023 AD-ADUC7023 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7124 AD-ADUC7124 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7124 AD-ADUC7124_14 Datasheet
1Mb / 110P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com