Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21479BSWZ-2A Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-21479BSWZ-2A
Description  SHARC Processor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21479BSWZ-2A Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-21479BSWZ-2A Datasheet HTML 5Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 6Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 7Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 8Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 9Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 10Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 11Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 12Page - Analog Devices ADSP-21479BSWZ-2A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
ADSP-21477/ADSP-21478/ADSP-21479
Rev. C
|
Page 9 of 76
|
July 2013
External Memory
The external memory interface supports access to the external
memory through core and DMA accesses. The external memory
address space is divided into four banks. Any bank can be pro-
grammed as either asynchronous or synchronous memory. The
external ports are comprised of the following modules.
• An AMI which communicates with SRAM, FLASH, and
other devices that meet the standard asynchronous SRAM
access protocol. The AMI supports 6M words of external
memory in Bank 0 and 8M words of external memory in
Bank 1, Bank 2, and Bank 3.
• An SDRAM controller that supports a glueless interface
with any of the standard SDRAMs. The SDC supports 62M
words of external memory in Bank 0, and 64M words of
external memory in Bank 1, Bank 2, and Bank 3.
• Arbitration logic to coordinate core and DMA transfers
between internal and external memory over the
external port.
External Port
The external port provides a high performance, glueless inter-
face to a wide variety of industry-standard memory devices. The
external port, available on the 196-ball CSP_BGA, may be used
to interface to synchronous and/or asynchronous memory
devices through the use of its separate internal memory control-
lers. The first is an SDRAM controller for connection of
industry-standard synchronous DRAM devices while the sec-
ond is an asynchronous memory controller intended to
interface to a variety of memory devices. Four memory select
pins enable up to four separate devices to coexist, supporting
any desired combination of synchronous and asynchronous
device types. Non-SDRAM external memory address space is
shown in Table 6.
SIMD Access to External Memory
The SDRAM controller supports SIMD access on the 64-bit
external port data bus (EPD) which allows access to the comple-
mentary registers on the PEy unit in the normal word space
(NW). This improves performance since there is no need to
explicitly load the complementary registers (as in SISD mode).
VISA and ISA Access to External Memory
The SDRAM controller supports VISA code operation which
reduces the memory load since the VISA instructions are com-
pressed. Moreover, bus fetching is reduced because, in the best
case, one 48-bit fetch contains three valid instructions. Code
execution from the traditional ISA operation is also supported.
Note that code execution is only supported from Bank 0 regard-
less of VISA/ISA. Table 7 shows the address ranges for
instruction fetch in each mode.
SDRAM Controller
The SDRAM controller, available on the ADSP-2147x in the
196-ball CSP_BGA package, provides an interface of up to four
separate banks of industry-standard SDRAM devices or
DIMMs, at speeds up to fSDCLK. Fully compliant with the
SDRAM standard, each bank has its own memory select line
(MS0–MS3), and can be configured to contain between
4 Mbytes and 256 Mbytes of memory. SDRAM external mem-
ory address space is shown in Table 8.
A set of programmable timing parameters is available to config-
ure the SDRAM banks to support slower memory devices. The
SDRAM and the AMI interface do not support 32-bit wide
devices.
The SDRAM controller address, data, clock, and control pins
can drive loads up to distributed 30 pF. For larger memory sys-
tems, the SDRAM controller external buffer timing should be
selected and external buffering should be provided so that the
load on the SDRAM controller pins does not exceed 30 pF.
Note that the external memory bank addresses shown are for
normal-word (32-bit) accesses. If 48-bit instructions as well as
32-bit data are both placed in the same external memory bank,
care must be taken while mapping them to avoid overlap.
Asynchronous Memory Controller
The asynchronous memory controller, available on the
ADSP-2147x in the 196-ball CSP_BGA package, provides a con-
figurable interface for up to four separate banks of memory or
I/O devices. Each bank can be independently programmed with
different timing parameters, enabling connection to a wide vari-
ety of memory devices including SRAM, flash, and EPROM, as
well as I/O devices that interface with standard memory control
lines. Bank 0 occupies a 6M word window and Banks 1, 2, and 3
Table 6. External Memory for Non-SDRAM Addresses
Bank
Size in
Words
Address Range
Bank 0
6M
0x0020 0000–0x007F FFFF
Bank 1
8M
0x0400 0000–0x047F FFFF
Bank 2
8M
0x0800 0000–0x087F FFFF
Bank 3
8M
0x0C00 0000–0x0C7F FFFF
Table 7. External Bank 0 Instruction Fetch
Access Type
Size in
Words
Address Range
ISA (NW)
4M
0x0020 0000–0x005F FFFF
VISA (SW)
10M
0x0060 0000–0x00FF FFFF
Table 8. External Memory for SDRAM Addresses
Bank
Size in
Words
Address Range
Bank 0
62M
0x0020 0000–0x03FF FFFF
Bank 1
64M
0x0400 0000–0x07FF FFFF
Bank 2
64M
0x0800 0000–0x0BFF FFFF
Bank 3
64M
0x0C00 0000–0x0FFF FFFF


Similar Part No. - ADSP-21479BSWZ-2A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21479 AD-ADSP-21479 Datasheet
1Mb / 76P
   SHARC Processor
REV. B
More results

Similar Description - ADSP-21479BSWZ-2A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com