Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4304 Datasheet(PDF) 4 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4304
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4304 Datasheet(HTML) 4 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4304 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4304 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AO4304
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
5
10
15
20
25
30
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=15V
I
D=15A
10ms
1
10
100
1000
1
10
100
1000
Time in avalanche, t
A
µµµs)
Figure 9: Single Pulse Avalanche capability
(Note C)
T
A=25°C
T
A=150°C
T
A=100°C
T
A=125°C
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 10: Maximum Forward Biased
Safe Operating Area (Note F)
10s
10ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
1ms
0
2
4
6
8
10
0
5
10
15
20
25
30
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=15V
I
D=15A
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 11: Single Pulse Power Rating Junction-to-Ambient (Note F)
T
A=25°C
10ms
1
10
100
1000
1
10
100
1000
Time in avalanche, t
A
µµµs)
Figure 9: Single Pulse Avalanche capability
(Note C)
T
A=25°C
T
A=150°C
T
A=100°C
T
A=125°C
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 10: Maximum Forward Biased
Safe Operating Area (Note F)
10s
10ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
1ms
Rev 0: Oct 2010
www.aosmd.com
Page 4 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4304

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4304 KEXIN-AO4304 Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4304 DOINGTER-AO4304 Datasheet
637Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4304-HF KEXIN-AO4304-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4304

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com