Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4310 Datasheet(PDF) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4310
Description  36V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4310 Datasheet(HTML) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4310 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4310 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4310 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4310 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4310 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4310 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AO4310
36V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
27A
RDS(ON) (at VGS=10V)
< 3.1m
RDS(ON) (at VGS = 4.5V)
< 4.2m
100% UIS Tested
100% Rg Tested
Symbol
VDS
The AO4310 uses trench MOSFET technology that is
uniquely optimized to provide the most efficient high
frequency switching performance.Power losses are
minimized due to an extremely low combination of
RDS(ON) and Crss.In addition,switching behavior is well
controlled with a "Schottky style" soft recovery body
diode.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
36V
Drain-Source Voltage
36
G
D
S
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
2.3
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
RθJA
27
15
Maximum Junction-to-Ambient
A
Power Dissipation
B
V
±20
10
65
224
A
67
°C/W
W
3.6
PD
Avalanche energy L=0.1mH
C
Pulsed Drain Current
C
TA=70°C
TA=25°C
Avalanche Current
C
V
Drain-Source Voltage
36
Junction and Storage Temperature Range
-55 to 150
°C
52
35
Units
Thermal Characteristics
Parameter
Typ
Max
Gate-Source Voltage
22
390
mJ
A
ID
27
Continuous Drain
Current
TA=25°C
TA=70°C
G
D
S
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
Rev 0: February 2011
www.aosmd.com
Page 1 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4310

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4310 AOSMD-AO4310 Datasheet
540Kb / 6P
   36V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4310 KEXIN-AO4310 Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4310 VBSEMI-AO4310 Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4310-HF KEXIN-AO4310-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4310

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4314 AOSMD-AO4314 Datasheet
576Kb / 6P
   36V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4312 WHXPCB-AO4312 Datasheet
2Mb / 6P
   36V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4312 AOSMD-AO4312 Datasheet
581Kb / 6P
   36V N-Channel MOSFET
AO4310 AOSMD-AO4310 Datasheet
540Kb / 6P
   36V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4314 WHXPCB-AO4314 Datasheet
2Mb / 6P
   36V N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com