Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4314 Datasheet(PDF) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4314
Description  36V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4314 Datasheet(HTML) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4314 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4314 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4314 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4314 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4314 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4314 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AO4314
Symbol
Min
Typ
Max
Units
BVDSS
36
V
VDS=36V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.2
1.8
2.3
V
ID(ON)
219
A
4.2
6
TJ=125°C
6.5
9.5
5.7
8.5
m
gFS
90
S
VSD
0.7
1
V
IS
5.5
A
Ciss
980
1225
1470
pF
Coss
325
465
605
pF
Crss
10
35
60
pF
Rg
0.5
1.1
1.6
Qg(10V)
14
18.6
23
nC
Qg(4.5V)
6
8.6
12
nC
Qgs
2.8
nC
Qgd
3.2
nC
tD(on)
4.5
ns
t
3.5
ns
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=10V, V =18V, R =0.9
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=18V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
RDS(ON)
Static Drain-Source On-Resistance
m
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=4.5V, ID=20A
VDS=VGS ID=250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
VGS=0V, VDS=18V, f=1MHz
SWITCHING PARAMETERS
tr
3.5
ns
tD(off)
20.3
ns
tf
3.5
ns
trr
12
15
18
ns
Qrr
24
30
36
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=18V, RL=0.9Ω,
RGEN=3Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 0: December 2010
www.aosmd.com
Page 2 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4314

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4314 AOSMD-AO4314 Datasheet
576Kb / 6P
   36V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4314 KEXIN-AO4314 Datasheet
2Mb / 5P
   N-Channel MOSFET
AO4314-HF KEXIN-AO4314-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4314

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4314 AOSMD-AO4314 Datasheet
576Kb / 6P
   36V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4312 WHXPCB-AO4312 Datasheet
2Mb / 6P
   36V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4312 AOSMD-AO4312 Datasheet
581Kb / 6P
   36V N-Channel MOSFET
AO4310 AOSMD-AO4310 Datasheet
540Kb / 6P
   36V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4310 WHXPCB-AO4310 Datasheet
2Mb / 6P
   36V N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com