Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF6N60 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # FQPF6N60
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

FQPF6N60 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  FQPF6N60 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
 N o te s :
1 . Z 
JC ( t ) =
2. 84
 /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z 
JC (t)
s ing le pu ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q u a r e
W a v e P u ls e D u r a tio n [s e c ]
25
50
75
100
125
150
0
1
2
3
4
T
C, Case Temperature []
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
100 ms
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
 Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
 Notes :
1. V
GS
= 10 V
2. I
D = 3.1 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS = 0 V
2. I
D = 250 
A
T
J, Junction Temperature [
o
C]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


Similar Part No. - FQPF6N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N60 FAIRCHILD-FQPF6N60 Datasheet
544Kb / 8P
   600V N-Channel MOSFET
FQPF6N60 FAIRCHILD-FQPF6N60 Datasheet
544Kb / 8P
   600V N-Channel MOSFET
FQPF6N60C FAIRCHILD-FQPF6N60C Datasheet
911Kb / 10P
   600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQPF6N60C VBSEMI-FQPF6N60C Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
FQPF6N60C ISC-FQPF6N60C Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF6N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com