Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD1313EL Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLD1313EL
Description  3 Channel High Side Current Source Basic LED Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD1313EL Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLD1313EL Datasheet HTML 7Page - Infineon Technologies AG TLD1313EL Datasheet HTML 8Page - Infineon Technologies AG TLD1313EL Datasheet HTML 9Page - Infineon Technologies AG TLD1313EL Datasheet HTML 10Page - Infineon Technologies AG TLD1313EL Datasheet HTML 11Page - Infineon Technologies AG TLD1313EL Datasheet HTML 12Page - Infineon Technologies AG TLD1313EL Datasheet HTML 13Page - Infineon Technologies AG TLD1313EL Datasheet HTML 14Page - Infineon Technologies AG TLD1313EL Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TLD1313EL
EN Pin
Data Sheet
11
Rev. 1.0, 2013-08-08
5.2
Internal Supply Pin
The EN pin can be used to supply the internal logic. There are two typical application conditions, where this feature
can be used:
1) In “DC/DC control Buck” configurations, where the voltage
V
s can be below 5.5V.
2) In configurations, where a PWM signal is applied at the Vbatt pin of a light module. The buffer capacitor
C
BUF is
used to supply the Basic LED Driver IC during Vbatt low (
V
s low) periods. This feature can be used to minimize
the turn-on time to the values specified in Pos. 9.2.13. Otherwise, the power-on reset delay time
t
POR (Pos. 5.4.7)
has to be considered.
The capacitor can be calculated using the following formula:
(1)
See also a typical application drawing in Chapter 10.
Figure 5
External circuit when applying a fast PWM signal on
V
BATT
CBUF
tLOW max
()
IEN LS
()
VS VD1
VSPOR
()
---------------------------------------------------
=
RSET
CBUF
VBATT
GND
D1
Output
control
OUT2
Internal
supply
Thermal
protection
Current
adjust
Basic LED Driver
GND
EN
VS
IN_SET
OUT3
OUT1


Similar Part No. - TLD1313EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
logo
Marl International Limi...
TLD1313EL MARL-TLD1313EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
logo
Infineon Technologies A...
TLD1313EL INFINEON-TLD1313EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
More results

Similar Description - TLD1313EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1312EL INFINEON-TLD1312EL_15 Datasheet
1Mb / 27P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com