Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM5818-L Datasheet(PDF) 6 Page - Formosa MS

Part # FM5818-L
Description  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM5818-L Datasheet(HTML) 6 Page - Formosa MS

  FM5818-L Datasheet HTML 1Page - Formosa MS FM5818-L Datasheet HTML 2Page - Formosa MS FM5818-L Datasheet HTML 3Page - Formosa MS FM5818-L Datasheet HTML 4Page - Formosa MS FM5818-L Datasheet HTML 5Page - Formosa MS FM5818-L Datasheet HTML 6Page - Formosa MS FM5818-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
01235
789 789 
78

 !"#
#
$%&'((
)(*)!#

+

)(
,-
-
./
0
0
1112
3
456471672
8460
9:;/
<<5=>=>>5?555@
ABC/
<<5=>=>>5?5@D@
EEFGHIJ
KL
EEFGHIJ
KL
MNB=;
0BOPBQ:
R::;MS
T:
R::;
OUN0UV:V9
M0BOS
VQ
WUC
S
VV:R
WUC
R::;
XS
BY
OBR9UV
MS
T:
OBR9UV
B00RUC2
QRUMMZ:S
Q[9
\]2^
\.87^
\60
6^
\60
6^
\60
6^
\.87^
\60
6^
\.87^
MNB=;
_`
>Y
aaa
D2
a
>aY
aaa @<bc@_ac@<b
@_<
b<>cbd5cb<_
@5aY
aaa
@d2
d
@b`
_Y
daa
D2
a
@dY
aaa bb_cbb_cb_
bba
bdacbbacb5a
@>aY
aaa
@D2
>
X48e63f-S
X
S
77e3gX1-
3
R3hi
73gX1-
3 R3hi
7i
4f
01232
XM=@>@5@_
>aa<0
a>0
@a
>a@a0
ab0
@a
:
_
0543
i
j
3A31-
e53
M4j
g35i
f2O4fgi
-
i
4f
Bh35123516.=e.51-
3\9;-
490^
kb 0
738
053,31-
4
=936.351-
e53Ni
f\976i
f^
@daO
4
=936.351-
e53N1l\9761l^
>aaO
=9i
63\6i
f-
461l^\-
7
^
5am@>a738
9761l-
49;
4
=R16.=e.R1-
3
kbO0
738
9i
6361i
f-
1i
f3g1n4h3/
4
=936.351-
e53\9;^
>@_O
=9i
63\-
;
^
5am>5a738
4
4
031]936.351-
e53\90^
>ddO=a0
odO
4
9i
631i
-
,i
fdO4318-
e1j031]
936.351-
e53\-
0
^
4
R16.=g41fR1-
3
k5O0
738
4
9i
63>dO-
4031]936.351-
e53
k56i
fe-
37
4O
b2
R33
j
4174j
g35i
f2
@amba738
@2
M-
451233fhi
54f63f-
/936.351-
e53pd mDa [e6i
gi
-
qpddrs>dr
>2
R33
j
4174j
g35i
f2437e53
183=64ef-g3hi
837
4
4
O
O
tLLEuEvuwEFGxJ
F
ExF
vEJ
KLGHEE

u
y9zu
{EI
深圳FMS
Kinter
131
6803
0058


Similar Part No. - FM5818-L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM5818-L FORMOSA-FM5818-L Datasheet
70Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM5818-L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com