Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM5820-AL Datasheet(PDF) 7 Page - Formosa MS

Part # FM5820-AL
Description  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM5820-AL Datasheet(HTML) 7 Page - Formosa MS

  FM5820-AL Datasheet HTML 1Page - Formosa MS FM5820-AL Datasheet HTML 2Page - Formosa MS FM5820-AL Datasheet HTML 3Page - Formosa MS FM5820-AL Datasheet HTML 4Page - Formosa MS FM5820-AL Datasheet HTML 5Page - Formosa MS FM5820-AL Datasheet HTML 6Page - Formosa MS FM5820-AL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01235
7898 
77

 !"#
#
$%&'((
)(*)!#

+

)(
,-
-
./
0
0
1112
3
456471672
8460
9:;/
<<=>?>??=@===A
BCD/
<<=>?>??=@=AEA
F48G63H-I
F
I
77G3JF1-
3
K3LM
73JF1-
3 K3LM
7M
4H
01232
FN>A?A=?<
?OO<0
O?0
AO
?OAO0
OP0
AO
:
5
Q
RS9TU
Q
VQ
U
Q
WXWT WY Z VQ
U
Q
WQ
T
A2N4[
J35K37M
7-
1H83
?2N4[
J351\M
[
M
-
]
P2^M
2,936.351-
G53K3L3573_M
17
E2B45115J`.351-
M
4H;M
3
3
a2I
H-
356M
-
-
3H-`.351-
M
4H;M
3
3
=205377G53b44c35
52936.351-
G53b]8[
M
H2
<29,3561[N,48c
@2B45115JNG523
AO2^G6M
JM
-
]
AA2^M
2,936.351-
G53N-
45123;M
3
3
1-?=O a 3
45AO ?7382
M
663573\4J]M
H-
474[
J35A0
A=deA0
P?d
`
1-?Eaeab3
45a7382
`
fg<Oh 51-
31-9gA?ab3
45A=<,572
K
i
`
K1-
3J1L35123538-
M
3
M
358G553H-1-9g?ab3
45aOO,572
C
`
9 g?abjIgI
C
B
`
`H7-
1-
3/.41354H3
45a6M
H2
43
37-
1-
3/.413543
33
45a6M
H2
4H1HJ43
33
45aOO8]8[
372
`
Aa0 1-9gA?Ab3
45E,572
NI
k
C
`
`
>aab-
4lA?abJ13[
[
3J3
45PO6M
H2
1HJ-
51H73
3553J3
45a6M
H2-
4-
1[AO8]8[
372
`
`
Ob3
45a6M
H25M
73-
4AOOb3
45a6M
H2-
4-
1[AO8]8[
372
<2
P677M
H2[
3,1[
37M
H3>11L37G.35M
6.473J
4H51-
3J[
41Jj4H37G5232
`
1-9g<abjK^g<ah 3
45AOOO,572
C
`
1-A5ab3
45AOOO,572
`
e b
e
mI
;>N9F>5aOF
m:9^`F>?OPA
mI
;>N9F>?O?B
m:9^`F>?O<
mI
;>N9F>5aOF
m:9^`F>AOP<
mI
;>N9F>5aOF
m:9^`F>AO?5
mI
;>N9F>5aOF
m:9^`F>AOP=
i:NF??>CAO?
mI
;>N9F>5aOF
m:9^`F>AOaA
mI
;>N9F>5aOF
m:9^`F>AOa=
mI
;>N9F>5aOF
m:9^`F>EO==>?
mI
;>N9F>5aOF
m:9^`F>AO?A
mI
;>N9F>5aOF
m:9^`F>AOPA
I
-
36937-
b4HJM
-
M
4H7
K33
353H83
深圳FMS
Kinter
131
6803
0058


Similar Part No. - FM5820-AL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM5820-AL FORMOSA-FM5820-AL Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM5820-ALN FORMOSA-FM5820-ALN Datasheet
70Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM5820-AL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com