Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MBR10100
Description  Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR10100 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MBR10100 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR10100 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR10100 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
0.2
0.1
0.5
1.0
0.4
0.3
5.0
50
20
10
0.5
1.0
3.0
0
4
8
12
20
0
50
100
150
16
0.6
0.7
0.8
0.5
0.9
1.0
10
0.01
0.1
0.01
110
100
10
100
0.1
0.1
1
40
60
100
80
140
120
160
110
100
0
20
100
40
60
80
MBR10100, MBRF10100 & MBRB10100 Series
www.kersemi.com
3


Similar Part No. - MBR10100

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR10100 SMC-MBR10100 Datasheet
139Kb / 5P
   SCHOTTKY RECTIFIER
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Formosa MS
MBR10100 FORMOSA-MBR10100 Datasheet
104Kb / 6P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBR10100 MCC-MBR10100 Datasheet
112Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Nantong Hornby Electron...
MBR10100 HORNBY-MBR10100 Datasheet
292Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR10100

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR745 KERSEMI-MBR745 Datasheet
845Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR750 KERSEMI-MBR750 Datasheet
124Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1545CT KERSEMI-MBR1545CT Datasheet
140Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1535CT KERSEMI-MBR1535CT Datasheet
141Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1550CT KERSEMI-MBR1550CT Datasheet
152Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR2545CT KERSEMI-MBR2545CT Datasheet
150Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBRF10100 KERSEMI-MBRF10100 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1545CT45 KERSEMI-MBR1545CT45 Datasheet
152Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1560CT KERSEMI-MBR1560CT Datasheet
140Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1050 KERSEMI-MBR1050 Datasheet
59Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1545CTG KERSEMI-MBR1545CTG Datasheet
140Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com