Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF10100 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MBRF10100
Description  Trench MOS Schottky technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRF10100 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MBRF10100 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRF10100 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBRF10100 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBRF10100 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MBR(F,B)1090 & MBR(F,B)10100
www.kersemi.com
479
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027(0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.603 (15.32)
0.573 (14.55)
PIN
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
0.057 (1.45)
0.045 (1.14)
CASE
PIN 2
PIN 1
TO-220AC
ITO-220AC
PIN
1
2
0.025 (0.64)
0.015 (0.38)
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.076 (1.93) REF.
45° REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.191 (4.85)
0.171 (4.35)
0.057 (1.45)
0.045 (1.14)
0.671 (17.04)
0.651 (16.54)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
7° REF.
7° REF.
0.350 (8.89)
0.330 (8.38)
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
0.380 (9.65)
0.41
1 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591(15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.014 (0.36)
0.021 (0.53)
0.110 (2.79)
0.140 (3.56)
0.110 (2.79)
0.090 (2.29)
0.047 (1.19)
0.055 (1.40)
0 to 0.01 (0 to 0.254)
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
TO-263AB
0.105 (2.67)
0.08
(0.095) (2.41)
(2.032)
0.42
(10.66)
0.670 (17.02)
0.591 (15.00)
0.15
(3.81)
0.33
(8.38)
Mounting Pad Layout
MIN.
MIN.
MIN.
MIN.


Similar Part No. - MBRF10100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF10100 MCC-MBRF10100 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRF10100 VISHAY-MBRF10100 Datasheet
141Kb / 5P
   High-Voltage Schottky Rectifier
Revision: 24-Jun-09
logo
Shanghai Shunye Electro...
MBRF10100 SHUNYE-MBRF10100 Datasheet
319Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBRF10100 VISHAY-MBRF10100 Datasheet
125Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
logo
Rugao Dachang Electroni...
MBRF10100 DACHANG-MBRF10100 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
More results

Similar Description - MBRF10100

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST2060DJF SMC-ST2060DJF Datasheet
149Kb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V15PL50 VISHAY-V15PL50 Datasheet
756Kb / 5P
   Trench MOS Schottky technology
Revision: 02-Jul-13
V25PL60-M3 VISHAY-V25PL60-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
logo
Sangdest Microelectroni...
STB30H100C SMC-STB30H100C Datasheet
206Kb / 5P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V10P20 VISHAY-V10P20 Datasheet
90Kb / 5P
   Trench MOS Schottky technology
Revision: 17-Feb-17
logo
Kersemi Electronic Co.,...
MBRF20100CT KERSEMI-MBRF20100CT Datasheet
1Mb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V8P6-M3 VISHAY-V8P6-M3 Datasheet
103Kb / 5P
   Trench MOS Schottky technology
Revision: 07-Mar-17
V15P6-M3 VISHAY-V15P6-M3 Datasheet
96Kb / 5P
   Trench MOS Schottky technology
Revision: 09-Jan-17
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
VSSA3L6S-M3 VISHAY-VSSA3L6S-M3 Datasheet
87Kb / 4P
   Trench MOS Schottky technology
Revision: 05-Nov-13
VSSAF5N50 VISHAY-VSSAF5N50 Datasheet
124Kb / 5P
   Trench MOS Schottky technology
Revision: 24-Jul-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com