Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4761A Datasheet(PDF) 4 Page - Formosa MS

Part # SMA4761A
Description  Surface Mount Zener Diodes 1W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMA4761A Datasheet(HTML) 4 Page - Formosa MS

  SMA4761A Datasheet HTML 1Page - Formosa MS SMA4761A Datasheet HTML 2Page - Formosa MS SMA4761A Datasheet HTML 3Page - Formosa MS SMA4761A Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image




(#
)"6*#
"9"89 51 5
(#
+5((5$, (5!5$95!, !
5!5#
"156!$5
(#
5((5$, (5!5 -,6 5 !
5!5#
"156!$5
.
)

.
)

.
)



.

.

)

.
)


.


)



.


. 


) .
 

)
 . 
) .
.
 

/
 )
 

.  /

)
.
,01)
%$
#

'
1
.
23
41+5
,01)
%$
#

'
1
.
23
41+5
#
1.
'6
)
'6
'6
#
45!55$95!,
'6
#
45!55$95!,
'6
)6 9, $ $-5
.6 9, $ $-5
6 9, $ $-5
..7
8.! !7
515,#
,#
5

7
.! !7
515,#
,#
5
5$,6! 9-665( "
,01)%$1#
, #
!#
,#
6-
19-85

. 


) 
.



)
.



)

.

)
. 
)
.

)
/

.


)

/



.

1419-85#
,5
,&9
:
2&2
;
82
3;
9
<
2
2%9
;
(%%
7
329
:;3&
3

9

9
34'=<

9
2<
>=
:2%?>@
/
ABCDBEFHI
JKL
M
NOPRSKTUVPTPLWX
SYPZ[\
fghik
lm
m
no
p
p
qqqr
s
tuvtwgvwr
xtvp
yz{o
||}~~}€}}}
‚ƒ„o
||}~~}€}k
…tx†vi‡mˆ
…
ˆ
ww†i‰…gm
i
Ši‹Œ
wi‰…gm
i Ši‹Œ
fghir
…~}Ž
|p
p

p
Žp

z
k
SMA4728A Thru SMA4764A
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SMA4761A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4761A YANGJIE-SMA4761A Datasheet
194Kb / 3P
   Zener Diodes
logo
Socay Electornics Co., ...
SMA4761A SOCAY-SMA4761A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4761A SOCAY-SMA4761A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4761A CHENG-YI-SMA4761A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Yangzhou yangjie electr...
SMA4761A YANGJIE-SMA4761A Datasheet
164Kb / 3P
   Zener Diodes
More results

Similar Description - SMA4761A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com