Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10150FCT Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBR10150FCT
Description  10 Amp HighVoltage Power Schottky Barrier Rectifier 150 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR10150FCT Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBR10150FCT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR10150FCT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR
10150FCT
Instantaneous Reverse Leakage Current
- MicroAmperes versus
Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
8
10
Figure 2
Typical Reverse Characteristics
Volts
1
100
4
0
20
40
60
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
80
100
120
Maximum Forward Characteristics
Figure 1
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Amps
25
°C
Volts
0
0.
2 0.4 0.6
0.1
1.0
10
100
12
0.
81.0 1.2 1.4
uAmps
0
50
100
125
75
25
150
1.8 2.0
1.6
0.01
0.1
1.0
10
100
1000
10000
100000
TJ = 25
°C
TJ = 75
°C
TJ = 125
°C
TJ = 150
°C
www.kersemi.com


Similar Part No. - MBR10150FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150FCT MCC-MBR10150FCT Datasheet
771Kb / 3P
   10 Am p High Voltage Power Schottky Barrier Rectifier 150 Volts
logo
PACELEADER INDUSTRIAL
MBR10150FCT PACELEADER-MBR10150FCT Datasheet
355Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
logo
Compact Technology Corp...
MBR10150FCT CTC-MBR10150FCT Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Dongguan City Niuhang E...
MBR10150FCT NIUHANG-MBR10150FCT Datasheet
462Kb / 4P
   SCHOTTKY RECTIFIERS
logo
Pan Jit International I...
MBR10150FCT PANJIT-MBR10150FCT Datasheet
96Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR10150FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150FCT MCC-MBR10150FCT_10 Datasheet
125Kb / 3P
   10 Amp HighVoltage Power Schottky Barrier Rectifier 150 Volts
MBR20200FCT MCC-MBR20200FCT_13 Datasheet
190Kb / 3P
   20 Amp HighVoltage Power Schottky Barrier Rectifier 200 Volts
MBR20200FCT MCC-MBR20200FCT_08 Datasheet
118Kb / 3P
   20 Amp HighVoltage Power Schottky Barrier Rectifier 200 Volts
MBR20120FCT MCC-MBR20120FCT_10 Datasheet
153Kb / 3P
   20 Amp HighVoltage Power Schottky Barrier Rectifier 120 Volts
SR3150 MCC-SR3150 Datasheet
209Kb / 2P
   3 Amp Schottky Barrier Rectifier 150 Volts
SR5150 MCC-SR5150_13 Datasheet
256Kb / 2P
   5 Amp Schottky Barrier Rectifier 150 Volts
SR5150 MCC-SR5150 Datasheet
231Kb / 2P
   5 Amp Schottky Barrier Rectifier 150 Volts
SR1150 MCC-SR1150 Datasheet
221Kb / 3P
   1 Amp Schottky Barrier Rectifier 150 Volts
MBRB30150CT MCC-MBRB30150CT Datasheet
381Kb / 3P
   30 Amp Schottky Barrier Rectifier 150 Volts
MBR30150FCT MCC-MBR30150FCT Datasheet
114Kb / 3P
   30 Amp Schottky Barrier Rectifier 150 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com