Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7819YR Datasheet(PDF) 4 Page - Analog Devices

Part # AD7819YR
Description  2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7819YR Datasheet(HTML) 4 Page - Analog Devices

  AD7819YR Datasheet HTML 1Page - Analog Devices AD7819YR Datasheet HTML 2Page - Analog Devices AD7819YR Datasheet HTML 3Page - Analog Devices AD7819YR Datasheet HTML 4Page - Analog Devices AD7819YR Datasheet HTML 5Page - Analog Devices AD7819YR Datasheet HTML 6Page - Analog Devices AD7819YR Datasheet HTML 7Page - Analog Devices AD7819YR Datasheet HTML 8Page - Analog Devices AD7819YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV. B
AD7819
–4–
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1VREF
Reference Input, 1.2 V to VDD.
2VIN
Analog Input, 0 V to VREF.
3
GND
Analog and Digital Ground.
4
CONVST
Convert Start. A low-to-high transition on this pin initiates a 1.5
µs pulse on an internally generated
CONVST signal. A high-to-low transition on this line initiates the conversion process if the internal
CONVST signal is low. Depending on the signal on this pin at the end of a conversion, the AD7819
automatically powers down.
5
CS
Chip Select. This is a logic input.
CS is used in conjunction with RD to enable outputs.
6
RD
Read Pin. This is a logic input. When
CS is low and RD goes low, the DB7–DB0 leave their high
impedance state and data is driven onto the data bus.
7
BUSY
ADC Busy Signal. This is a logic output. This signal goes logic high during the conversion process.
8–15
DB0–DB7
Data Bit 0 to 7. These outputs are three-state TTL-compatible.
16
VDD
Positive power supply voltage, 2.7 V to 5.5 V.
PIN CONFIGURATION
DIP/SOIC
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7819
VREF
DB5
DB6
DB7
VDD
VIN
GND
CONVST
DB2
DB3
DB4
CS
RD
BUSY
DB0
DB1


Similar Part No. - AD7819YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7819YR AD-AD7819YR Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. A
AD7819YR AD-AD7819YR Datasheet
187Kb / 12P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
AD7819YRREEL7 ETC2-AD7819YRREEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD7819YRU AD-AD7819YRU Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. A
More results

Similar Description - AD7819YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7819 AD-AD7819_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. B
AD7819 AD-AD7819_17 Datasheet
187Kb / 12P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
AD7819 AD-AD7819 Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. A
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
AD7813 AD-AD7813 Datasheet
185Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. B
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com