Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7880BR Datasheet(PDF) 2 Page - Analog Devices

Part # AD7880BR
Description  LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7880BR Datasheet(HTML) 2 Page - Analog Devices

  AD7880BR Datasheet HTML 1Page - Analog Devices AD7880BR Datasheet HTML 2Page - Analog Devices AD7880BR Datasheet HTML 3Page - Analog Devices AD7880BR Datasheet HTML 4Page - Analog Devices AD7880BR Datasheet HTML 5Page - Analog Devices AD7880BR Datasheet HTML 6Page - Analog Devices AD7880BR Datasheet HTML 7Page - Analog Devices AD7880BR Datasheet HTML 8Page - Analog Devices AD7880BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD7880–SPECIFICATIONS
Parameter
B Versions
1
C Versions
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal-to-Noise Ratio3 (SNR)
70
70
dB min
Typically SNR Is 72 dB
VIN = 1 kHz Sine Wave, fSAMPLE = 66 kHz
Total Harmonic Distortion (THD)
–80
–80
dB typ
VIN = 1 kHz Sine Wave, fSAMPLE = 66 kHz
Peak Harmonic or Spurious Noise
–80
–80
dB typ
VIN = 1 kHz, fSAMPLE = 66 kHz
Intermodulation Distortion (IMD)
Second Order Terms
–80
–80
dB typ
fa = 0.983 kHz, fb = 1.05 kHz, fSAMPLE = 66 kHz
Third Order Terms
–80
–80
dB typ
fa = 0.983 kHz, fb = 1.05 kHz, fSAMPLE = 66 kHz
DC ACCURACY
Resolution
12
12
Bits
All DC ACCURACY Specifications Apply for
the Three Analog Input Ranges
Integral Nonlinearity
±1
±1
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed Monotonic
Full-Scale Error
±15
±5
LSB max
Bipolar Zero Error
±10
±5
LSB max
Unipolar Offset Error
±5
±5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
Volts
See Figure 5
0 to 2 VREF
0 to 2 VREF
Volts
See Figure 6
±V
REF
±V
REF
Volts
See Figure 7
Input Resistance
10
10
M
Ω min
0 to VREF Range
5/12
5/12
k
Ω min/max
8 k
Ω typical: 0 to 2 V
REF Range
5/12
5/12
k
Ω min/max
8 k
Ω typical: ±V
REF Range
REFERENCE INPUT
VREF (For Specified Performance)
5
5
V
±5%: Normally V
REF = VDD (See Reference Input Section)
IREF
1.5
1.5
mA max
Nominal Reference Range
2.5/VDD
2.5/VDD
V min/max
See Figure 3 for Degradation in Performance Down to 2.5 V
LOGIC INPUTS
CONVST
, RD, CS, CLKIN
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current, IIN
±10
±10
µA max
VIN = 0 V or VDD
Input Capacitance, CIN
4
10
10
pF max
MODE INPUT
Input High Voltage, VINH
4
4
V min
Input Low Voltage, VINL
1
1
V max
Input Current, IIN
±125
±125
µA max
VIN = 0 V or VDD
Input Capacitance, CIN
4
10
10
pF max
LOGIC OUTPUTS
DB11–DB0, BUSY
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 400 µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
DB11–DB0
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance
4
10
10
pF max
CONVERSION
Conversion Time
12
12
µs max
fCLKIN = 2.5 MHz
Track/Hold Acquisition Time
3
3
µs max
POWER REQUIREMENTS
VDD
+5
+5
V nom
±5% for Specified Performance
IDD
Normal Power Mode @ +25
°C
7.5
7.5
mA max
Typically 4 mA; MODE = VDD
TMIN to TMAX
10
10
mA max
Typically 5 mA; MODE = VDD
Power Save Mode @ +25
°C
750
750
µA max
Logic Inputs @ 0 V or VDD; MODE = 0 V
TMIN to TMAX
1
1
mA max
Logic Inputs @ 0 V or VDD; MODE = 0 V
Power Dissipation
Normal Power Mode @ +25
°C
37.5
37.5
mW max
VDD = 5 V: Typically 20 mW; MODE = VDD
TMIN to TMAX
50
50
mW max
VDD = 5 V: Typically 25 mW; MODE = VDD
Power Save Mode @ +25
°C
3.75
3.75
mW max
VDD = 5 V: Typically 2 mW; MODE = 0 V
TMIN to TMAX
5
5
mW max
VDD = 5 V: Typically 2.5 mW; MODE = 0 V
NOTES
1Temperature ranges are as follows: B/C Versions, –40
°C to +85°C.
2V
IN = 0 to VREF
3SNR calculation includes distortion and noise components.
4Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.
(VDD = +5 V
5%, VREF = VDD, AGND = DGND = O V, fCLKIN = 2.5 MHz, MODE = VDD
unless otherwise noted. All Specifications TMIN to TMAX unless otherwise noted.)


Similar Part No. - AD7880BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7880BR AD-AD7880BR Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BR AD-AD7880BR Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
More results

Similar Description - AD7880BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880_15 Datasheet
340Kb / 16P
   LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com