Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7894BR-3 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7894BR-3
Description  5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7894BR-3 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7894BR-3 Datasheet HTML 4Page - Analog Devices AD7894BR-3 Datasheet HTML 5Page - Analog Devices AD7894BR-3 Datasheet HTML 6Page - Analog Devices AD7894BR-3 Datasheet HTML 7Page - Analog Devices AD7894BR-3 Datasheet HTML 8Page - Analog Devices AD7894BR-3 Datasheet HTML 9Page - Analog Devices AD7894BR-3 Datasheet HTML 10Page - Analog Devices AD7894BR-3 Datasheet HTML 11Page - Analog Devices AD7894BR-3 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7894
–11–
REV. 0
Dynamic Performance (Mode 1 Only)
With a conversion time of 5
µs, the AD7894 is ideal for wide
bandwidth signal processing applications. These applications
require information on the ADC’s effect on the spectral con-
tent of the input signal. Signal to (Noise + Distortion), Total
Harmonic Distortion, Peak Harmonic or Spurious Noise and
Intermodulation Distortion are all specified. Figure 11 shows a
typical FFT plot of a 10 kHz,
±10 V input after being digitized
by the AD7894-10 operating at a 160 kHz sampling rate. The
signal to (noise + distortion) ratio is 80.24 dB and the total
harmonic distortion is –96.35 dB.
The formula for signal to (noise + distortion) ratio (see Ter-
minology section) is related to the resolution or number of bits
in the converter. Rewriting the formula, below, gives a mea-
sure of performance expressed in effective number of bits (N):
N
=
(SNR –1.76)
6.02
where SNR is Signal to (Noise + Distortion) Ratio.
FREQUENCY – kHz
0
–140
080
10
20
30
40
50
60
70
–20
–60
–80
–100
–120
–40
fS = 160kHz
FIN = 10kHz
SNR = 80.24dB
THD = –96.35dB
Figure 11. AD7894 FFT Plot
The effective number of bits for a device can be calculated from
its measured signal to (noise + distortion) ratio. Figure 12
shows a typical plot of effective number of bits versus frequency
for the AD7894 from dc to fSAMPLING/2. The sampling fre-
quency is 160 kHz. The plot shows that the AD7894 converts
an input sine wave of 10 kHz to an effective numbers of bits of
13.00, which equates to a signal to (noise + distortion) level of
80.02 dB.
FREQUENCY – kHz
14
13
9
10
1000
100
12
11
10
Figure 12. Effective Number of Bits vs. Frequency
Power Considerations
In the automatic power-down mode the part may be operated at
a sample rate that is considerably less than 160 kHz. In this
case, the power consumption will be reduced and will depend
on the sample rate. Figure 13 shows a graph of the power con-
sumption versus sampling rates from 1 Hz to 100 kHz in the
automatic power-down mode. The conditions are 5 V supply
+25
°C. The SCLK pin was held low and no data was read from
the part.
SAMPLING FREQUENCY – Hz
100
0.1
1
100000
10
100
1000
10000
10
1
Figure 13. Power vs. Sampling Rate in Automatic Power-
Down Mode
82
81
78
–40
80
–20
0
20
40
60
80
79
fS = 160kHz
FIN = 10kHz
TEMPERATURE – C
Figure 14. SNR + D vs. Temperature
FREQUENCY – kHz
100
80
10
1000
100
90
70
60
50
40
30
20
10
0
Figure 15. THD vs. Frequency


Similar Part No. - AD7894BR-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7894BR-3 AD-AD7894BR-3 Datasheet
131Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BR-3 AD-AD7894BR-3 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BR-3 AD-AD7894BR-3 Datasheet
167Kb / 13P
   5 V, 14-Bit Serial, ADC in SO-8 Package
More results

Similar Description - AD7894BR-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894ARZ-2 AD-AD7894ARZ-2 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894 Datasheet
131Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894_17 Datasheet
167Kb / 13P
   5 V, 14-Bit Serial, ADC in SO-8 Package
AD7894 AD-AD7894_15 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5s ADC in SO-8 Package
REV. 0
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com