Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFM230-L Datasheet(PDF) 5 Page - Formosa MS

Part # LFM230-L
Description  2.0A Surface Mount Schottky Barrier Rectifiers-20V-40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LFM230-L Datasheet(HTML) 5 Page - Formosa MS

  LFM230-L Datasheet HTML 1Page - Formosa MS LFM230-L Datasheet HTML 2Page - Formosa MS LFM230-L Datasheet HTML 3Page - Formosa MS LFM230-L Datasheet HTML 4Page - Formosa MS LFM230-L Datasheet HTML 5Page - Formosa MS LFM230-L Datasheet HTML 6Page - Formosa MS LFM230-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
01234
564
589 1 4
95











 
!
"




#
"



!$
"
$
%"

&'()*
+
!!


,()*
+
!!


&'()
!


,()
!


-!"
!


$
%"
$+



.*""
$+



.*""
$

"
$
%"
$

"
/0++

) 
!
"
12


$
"
%++
$ 
!
"
.3
.&
/
4

!
-

5
.

6
6
6&
6&
67
5&
80
39
&
39
&
39
&




39
:
39
&
39
'
&9
3
39
&
39
&
39
&
39
&
39
&
39
&
79
3
79
3
*

;

&9
:3
''39
33
&,<9
33
:39
33
=79
33
&'9
33
&9
,:
:9
:3
>9
33
>9
33
79
33
39
7'
&79
33
&<9
33
.3
.&
/
4
!
-
5
.

6
6&
67
5&


.#:
?
;
62
+$%!
! 

"/
+
!)><&!+$
@



+

+
!029
79
B3
:9
:3
79
&3
C9 9D1EF
GHI
JLMHNO
O
PQRSTTI
UTVUMO
I
W
I
UT
"

$;
X
X
9
@
++9
X
/;
<<=777=B===&
-Y;
<<=777=B=&>&
ZCE[[\]Z^_`aZCE[b\]Z
6*
6

++*!6

)2
+!6
 )2
+

.#9
6&7&=3?
733<X
37X
&3
73&3X
3'X
&3
/
,
深圳FMS
Kinter
131
6803
0058


Similar Part No. - LFM230-L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LFM230 FORMOSA-LFM230 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Similar Description - LFM230-L

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL22M WEITRON-SL22M Datasheet
97Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
SHIKUES Electronics
SKM240-MST SKTECHNOLGY-SKM240-MST Datasheet
476Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 40V-60V
logo
E-CMOS Corporation
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
First Silicon Co., Ltd
SL12 FS-SL12 Datasheet
136Kb / 3P
   VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SD101AW SUNMATE-SD101AW Datasheet
125Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com