Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR250 Datasheet(PDF) 1 Page - Formosa MS

Part # SR250
Description  2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR250 Datasheet(HTML) 1 Page - Formosa MS

  SR250 Datasheet HTML 1Page - Formosa MS SR250 Datasheet HTML 2Page - Formosa MS SR250 Datasheet HTML 3Page - Formosa MS SR250 Datasheet HTML 4Page - Formosa MS SR250 Datasheet HTML 5Page - Formosa MS SR250 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0
1
1
1
1
2
3
3
3
4
5
78
9































































































































































































































































































































































!"


#


























































$








































































































































































%&
'(
&
$

$
)*+
) !#




































,
!
"&$

$

!
&




























-
"
(


.
&(





























































"
!















































































0
/01209356
7+
7
+
!7

#
!7

#


7,8111535
199:;91;09
1909;93;01
<
5
"

&=
;
;
>>>
$

;
%? =
::5818115@5550
)*=
::5818115@5030
6ABBCDEAF6ABBCC
GHI
JKMNJONOPQRST
T
UVWJXXI
NXYNQT
I
Z
I
NX
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SR250

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR250 WTE-SR250 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SR250 LUGUANG-SR250 Datasheet
1Mb / 2P
   2.0 AMP Schottky Barrier Rectifiers
logo
Weitron Technology
SR250 WEITRON-SR250 Datasheet
231Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SR250 DSK-SR250 Datasheet
252Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Gude Electronic D...
SR250 JGD-SR250 Datasheet
144Kb / 2P
   2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR250

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Formosa MS
SR5150 FORMOSA-SR5150_13 Datasheet
127Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
   8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
SR120 FORMOSA-SR120_13 Datasheet
135Kb / 6P
   1.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
SUNMATE electronic Co.,...
SB220 SUNMATE-SB220 Datasheet
95Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com